Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59420IUZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL59420IUZ-T13
Description  400MHz Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59420IUZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59420IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL59420
8
FN7459.2
July 3, 2012
FIGURE 20. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 21. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 24. ROUT vs FREQUENCY
Typical Performance Curves V
S = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
TIME (4ns/DIV)
120
80
40
0
-40
-80
-120
160
-160
AV = 1
CL = 5.5pF
RF = 200Ω
RL = 500Ω
TIME (4ns/DIV)
2
1.6
1.2
0.8
0.4
0
-0.4
-0.8
2.4
AV = 2
CL = 5.5pF
RG = RF = 453Ω
RL = 500Ω
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θ
JA =
11
5°C
/W
M
SO
P
10
0.8
0.5
0.7
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θ
JA =2
06
°C
/W
M
SO
P
10
0.5
100
10
1
0.1
0.1
1
10
100
1000
FREQUENCY (MHz)
AV = 1, VOUT = 100mVP-P
AV = 2, VOUT = 2VP-P
AV = 1
AV = 2


Similar Part No. - ISL59420IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59420IUZ-T13 INTERSIL-ISL59420IUZ-T13 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420IUZ-T13 RENESAS-ISL59420IUZ-T13 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
More results

Similar Description - ISL59420IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com