Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78022ANZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL78022ANZ
Description  Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78022ANZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL78022ANZ Datasheet HTML 1Page - Intersil Corporation ISL78022ANZ Datasheet HTML 2Page - Intersil Corporation ISL78022ANZ Datasheet HTML 3Page - Intersil Corporation ISL78022ANZ Datasheet HTML 4Page - Intersil Corporation ISL78022ANZ Datasheet HTML 5Page - Intersil Corporation ISL78022ANZ Datasheet HTML 6Page - Intersil Corporation ISL78022ANZ Datasheet HTML 7Page - Intersil Corporation ISL78022ANZ Datasheet HTML 8Page - Intersil Corporation ISL78022ANZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6386.3
December 23, 2013
ILEAKCTL
CTL Input Leakage Current
CTL = AGND or IN
-1
1
µA
tDrise
CTL to OUT Rising Prop Delay
1k
Ω from DRN to 8V, V
CTL = 0V to 3V
step, no load on OUT, measured from
VCTL = 1.5V to OUT = 20%
100
ns
tDfall
CTL to OUT Falling Prop Delay
1k
Ω from DRN to 8V, V
CTL = 3V to 0V
step, no load on OUT, measured from
VCTL = 1.5V to OUT = 80%
100
ns
VSRC
SRC Input Voltage Range
30
V
ISRC
SRC Input Current
Start-up sequence not completed
150
250
µA
Start-up sequence completed
150
350
µA
rONSRC
SRC ON-Resistance
Start-up sequence completed
5
12
Ω
rONDRN
DRN ON-Resistance
Start-up sequence completed
30
60
Ω
rONCOM
COM to GND ON-Resistance
Start-up sequence not completed
350
1000
1800
Ω
SEQUENCING
tON
Turn-On Delay
CDEL = 100nF (See Figure 22)
10
ms
tDEL1
Delay Between VBOOST and VOFF CDEL = 100nF (See Figure 22)
10
ms
tDEL2
Delay Between VON and VOFF
CDEL = 100nF (See Figure 22)
10
ms
tDEL3
Delay From VON to VON-slice
Enabled
CDEL = 100nF (See Figure 22)
10
ms
Electrical Specifications
VIN = 3V, VBOOST = VSUP = 12V, VSRC = 20V, limits over -40°C to +105°C temperature range, unless
otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL78020, ISL78022


Similar Part No. - ISL78022ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78022ANZ INTERSIL-ISL78022ANZ Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL78022ANZ RENESAS-ISL78022ANZ Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
More results

Similar Description - ISL78022ANZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640 INTERSIL-EL7640_06 Datasheet
497Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com