Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78100ARZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL78100ARZ
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100ARZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL78100ARZ Datasheet HTML 5Page - Intersil Corporation ISL78100ARZ Datasheet HTML 6Page - Intersil Corporation ISL78100ARZ Datasheet HTML 7Page - Intersil Corporation ISL78100ARZ Datasheet HTML 8Page - Intersil Corporation ISL78100ARZ Datasheet HTML 9Page - Intersil Corporation ISL78100ARZ Datasheet HTML 10Page - Intersil Corporation ISL78100ARZ Datasheet HTML 11Page - Intersil Corporation ISL78100ARZ Datasheet HTML 12Page - Intersil Corporation ISL78100ARZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN6626.1
December 24, 2013
Pin Descriptions
PIN
NAME
DESCRIPTION
1
VDC
Internally regulated 5V supply, tracks VIN for input voltages less than 5V. LDO output can also be biased with
external supply if VIN is <5.5V. A minimum of 3.3µF decoupling capacitor is needed in this pin.
2
VHI
Power FET gate drive supply. Can be biased with external supply if VIN is <5.5V
3
OVP
Overvoltage monitor input; tie to VOUT for normal operation
4
SWD1
NMOS power FET drain
5
SWD2
NMOS power FET drain
6
BUCK/BOOSTN Tie to GND for BOOST operation and to VDC for Buck operation
7
LEVEL
Sets LED bias current level; VFB(nominal) = VLEVEL/5
8
TEMP
Temperature reference, tie to GND to disable temperature compensation
9
FB
LED current feedback
10
TMAX
Maximum LED temperature set point; if TEMP voltage exceeds TMAX, FB set point will be reduced
11
SWS2
NMOS power FET source
12
SWS1
NMOS power FET source
13
EN/PWM
Chip enable and light modulation PWM dimming input
14
MODE
Digital Input; tie to GND to set FB reference to 400mV, tie to VDC to control FB reference with LEVEL input
15
ENL
LED load isolation MOS gate driver
16
VBAT
Input supply monitor
17
NC
Leave floating (internally connected)
18
GND
Ground return and FB ground reference
19
FAULT
Gate drive of fault protection FET. Driven low under fault conditions
20
VIN
Input supply
ISL78100


Similar Part No. - ISL78100ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
713Kb / 19P
   High Power LED Driver
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
713Kb / 19P
   High Power LED Driver
logo
Renesas Technology Corp
ISL78100ARZ-T RENESAS-ISL78100ARZ-T Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-TK INTERSIL-ISL78100ARZ-TK Datasheet
713Kb / 19P
   High Power LED Driver
More results

Similar Description - ISL78100ARZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com