Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C800 Datasheet(PDF) 2 Page - Macronix International

Part # 27C800
Description  8M-BIT [1M x8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C800 Datasheet(HTML) 2 Page - Macronix International

  27C800 Datasheet HTML 1Page - Macronix International 27C800 Datasheet HTML 2Page - Macronix International 27C800 Datasheet HTML 3Page - Macronix International 27C800 Datasheet HTML 4Page - Macronix International 27C800 Datasheet HTML 5Page - Macronix International 27C800 Datasheet HTML 6Page - Macronix International 27C800 Datasheet HTML 7Page - Macronix International 27C800 Datasheet HTML 8Page - Macronix International 27C800 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MX27C8000A
REV.1.2, JUL. 19, 2001
P/N: PM00764
PROGRAM INHIBIT MODE
Programming of multiple MX27C8000As in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27C8000A may be common. A
TTL low-level program pulse applied to an MX27C8000A
CE input with OE/VPP = 12.5 ± 0.5 Vwill program that
MX27C8000A. A high-level CE input inhibits the other
MX27C8000As from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed bits
to determine that they were correctly programmed. The
verification should be performed with OE /VPPand CE,
at VIL, data should be verified tDV after the falling edge
of CE.
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and device type. This mode is intended for use by
programming equipment for the purpose of automatically
matching the device to be programmed with its
corresponding programming algorithm. This mode is
functional in the 25°C ± 5°C ambient temperature range
that is required when programming the MX27C8000A.
To activate this mode, the programming equipment must
force 12.0 ± 0.5 V on address line A9 of the device. Two
identifier bytes may then be sequenced from the device
outputs by toggling address line A0 from VIL to VIH. All
other address lines must be held at VIL during auto
identify mode.
Byte 0 ( A0 = VIL) represents the manufacturer code, and
byte 1 (A0 = VIH), the device identifier code. For the
MX27C8000A, these two identifier bytes are given in the
Mode Select Table. All identifiers for manufacturer and
device codes will possess odd parity, with the MSB (Q7)
defined as the parity bit.
READ MODE
The MX27C8000A has two control functions, both of
which must be logically satisfied in order to obtain data
at the outputs. Chip Enable (CE) is the power control and
FUNCTIONAL DESCRIPTION
THE PROGRAMMING OF THE MX27C8000A
When the MX27C8000A is delivered, or it is erased, the
chip has all 8M bits in the "ONE" or HIGH state. "ZEROs"
are loaded into the MX27C8000A through the procedure
of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
Vcc must be applied simultaneously or before Vpp, and
removed simultaneously or after Vpp.
When
programming an MXIC EPROM, a 0.1uF capacitor is
required across Vpp and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage OE/VPP = 12.75V is applied,
with VCC = 6.25 V (Algorithm is shown in Figure 1). The
programming is achieved by applying a single TTL low
level 50us pulse to the CE input after addresses and data
line are stable. If the data is not verified, an additional
pulse is applied for a maximum of 25 pulses. This
process is repeated while sequencing through each
address of the device. When the programming mode is
completed, the data in all address is verified at VCC = 5V
±
10%.
BLOCK DIAGRAM
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q7
CE
OE/VPP
A0~A19
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
8M BIT
CELL
MAXTRIX
VCC
GND
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - 27C800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C800 STMICROELECTRONICS-27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
logo
ATMEL Corporation
27C800 ATMEL-27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
logo
Macronix International
27C8000-10 MCNIX-27C8000-10 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-12 MCNIX-27C8000-12 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-15 MCNIX-27C8000-15 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
More results

Similar Description - 27C800

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
logo
Macronix International
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com