Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C512QI-15 Datasheet(PDF) 3 Page - Macronix International

Part # MX27C512QI-15
Description  512K-BIT [64Kx8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C512QI-15 Datasheet(HTML) 3 Page - Macronix International

  MX27C512QI-15 Datasheet HTML 1Page - Macronix International MX27C512QI-15 Datasheet HTML 2Page - Macronix International MX27C512QI-15 Datasheet HTML 3Page - Macronix International MX27C512QI-15 Datasheet HTML 4Page - Macronix International MX27C512QI-15 Datasheet HTML 5Page - Macronix International MX27C512QI-15 Datasheet HTML 6Page - Macronix International MX27C512QI-15 Datasheet HTML 7Page - Macronix International MX27C512QI-15 Datasheet HTML 8Page - Macronix International MX27C512QI-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
P/N:PM0235
REV. 4.8, AUG. 26, 2003
MX27C512
NOTES: 1. VH = 12.0 V ± 0.5 V
2. X = Either VIH or VIL
3. A1 - A8 = A10 - A15 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltage during
programming.
MODE SELECT TABLE
PINS
MODE
CE
OE/VPP
A0
A9
OUTPUTS
Read
VIL
VIL
X
X
DOUT
Output Disable
VIL
VIH
X
X
High Z
Standby (TTL)
VIH
X
X
X
High Z
Standby (CMOS)
VCC±0.3V
X
X
X
High Z
Program
VIL
VPP
X
X
DIN
Program Verify
VIL
VIL
X
X
DOUT
Program Inhibit
VIH
VPP
X
X
High Z
Manufacturer Code(3)
VIL
VIL
VIL
VH
C2H
Device Code(3)
VIL
VIL
VIH
VH
91H
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1. Low memory power dissipation,
2. Assurance that output bus contention will not
occur.
It is recommended that CE be decoded and used as the
primary device-selecting function, while OE be made a
common connection to all devices in the array and
connected to the READ line from the system control bus.
This assures that all deselected memory devices are in
their low-power standby mode and that the output pins
are only active when data is desired from a particular
memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby
conditions, transient current peaks are produced on the
rising and falling edges of Chip Enable. The magnitude
of these transient current peaks is dependent on the
output capacitance loading of the device. At a minimum,
a 0.1 uF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and GND to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM
arrays, a 4.7 uF bulk electrolytic capacitor should be
used between VCC and GND for each eight devices.
The location of the capacitor should be close to where
the power supply is connected to the array.


Similar Part No. - MX27C512QI-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C512QI-15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com