Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F200BMC-90 Datasheet(PDF) 7 Page - Macronix International

Part # MX29F200BMC-90
Description  2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F200BMC-90 Datasheet(HTML) 7 Page - Macronix International

Back Button MX29F200BMC-90 Datasheet HTML 3Page - Macronix International MX29F200BMC-90 Datasheet HTML 4Page - Macronix International MX29F200BMC-90 Datasheet HTML 5Page - Macronix International MX29F200BMC-90 Datasheet HTML 6Page - Macronix International MX29F200BMC-90 Datasheet HTML 7Page - Macronix International MX29F200BMC-90 Datasheet HTML 8Page - Macronix International MX29F200BMC-90 Datasheet HTML 9Page - Macronix International MX29F200BMC-90 Datasheet HTML 10Page - Macronix International MX29F200BMC-90 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
P/N:PM0549
REV. 1.3 , DEC. 24, 2001
MX29F200T/B
TABLE 2. MX29F200T/B BUS OPERATION
Pins
CE
OE
WE
A0
A1
A6
A9
Q0 ~ Q15
Mode
Read Silicon ID
L
L
H
L
L
X
V
ID(2)
C2H(Byte mode)
Manfacturer Code(1)
00C2H(Word mode)
Read Silicon ID
L
L
H
H
L
X
V
ID(2)
51H/57H(Byte mode)
Device Code(1)
2251H/2257H(Word mode)
Read
L
L
H
A0
A1
A6
A9
D
OUT
Standby
H
X
XXXX
X
HIGH Z
Output Disable
L
H
H
X
X
X
X
HIGH Z
Write
L
H
L
A0
A1
A6
A9
D
IN(3)
Sector Protect with 12V
L
V
ID(2)
L
X
X
L
V
ID(2)
X
system(6)
Chip Unprotect with 12V
L
V
ID(2)
L
X
X
H
V
ID(2)
X
system(6)
Verify Sector Protect
L
L
H
X
H
X
V
ID(2)
Code(5)
with 12V system
Sector Protect without 12V
L
H
L
X
X
L
H
X
system (6)
Chip Unprotect without 12V
L
H
L
X
X
H
H
X
system (6)
Verify Sector Protect/
L
L
H
X
H
X
H
Code(5)
Unprotect without 12V
system (7)
Reset
X
X
XXXX
X
HIGH Z
NOTES:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 1.
2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V.
3. Refer to Table 1 for valid Data-In during a write operation.
4. X can be VIL or VIH.
5. Code=00H/0000H means unprotected.
Code=01H/0001H means protected.
A16~A12=Sector address for sector protect.
6. Refer to sector protect/unprotect algorithm and waveform.
Must issue "unlock for sector protect/unprotect" command before "sector protect/unprotect without 12V system"
command.
7. The "verify sector protect/unprotect without 12V sysytem" is only following "Sector protect/unprotect without 12V
system" command.


Similar Part No. - MX29F200BMC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CB MCNIX-MX29F200CB Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-55 MCNIX-MX29F200CBMI-55 Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-55G MCNIX-MX29F200CBMI-55G Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-70 MCNIX-MX29F200CBMI-70 Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-70G MCNIX-MX29F200CBMI-70G Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
More results

Similar Description - MX29F200BMC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com