Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78302AARJRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL78302AARJRZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302AARJRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL78302AARJRZ Datasheet HTML 3Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 4Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 5Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 6Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 7Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 8Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 9Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 10Page - Intersil Corporation ISL78302AARJRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ISL78302A
10
Intersil Automotive Qualified products are manufactured, assembled and tested utilizing TS16949 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7932.1
December 23, 2013
For additional products, see www.intersil.com/en/products.html
entry and exit delays are 200ms and 25µs, respectively. Larger
or smaller capacitor values yield proportionately longer or shorter
delay times. The POR exit delay should never be allowed to be
less than 10µs to ensure sufficient immunity against transient
induced false POR triggering.
Overheat Detection
The bandgap provides a proportional-to-temperature current that
is indicative of the temperature of the silicon. This current is
compared with references to determine if the device is in danger
of damage due to overheating. When the die temperature
reaches about +145°C, one or both of the LDOs momentarily
shuts down until the die cools sufficiently. In the overheat
condition, only the LDO sourcing more than 50mA is shut off.
This does not affect the operation of the other LDO. If both LDOs
source more than 50mA and an overheat condition occurs, both
LDO outputs are disabled. Once the die temperature falls back
below about +110°C, the disabled LDOs are re-enabled, and
soft-start automatically takes place.
The ISL78302A provides short-circuit protection by limiting the
output current to about 475mA. If short circuited, an output
current of 475mA will cause die heating. If the short circuit lasts
long enough, the overheat detection circuit will turn off the output.
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the largest markets within the industrial and infrastructure, personal
computing and high-end consumer markets. For more information about Intersil, visit our website at www.intersil.com.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com. You may report errors or suggestions for improving this datasheet by visiting
www.intersil.com/en/support/ask-an-expert.html. Reliability reports are also available from our website at
http://www.intersil.com/en/support/qualandreliability.html#reliability
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest revision.
DATE
REVISION
CHANGE
December 23, 2013
FN7932.1
Page 10
- 2nd line of the disclaimer changed from:
"Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted"
to:
"Intersil Automotive Qualified products are manufactured, assembled and tested utilizing TS16949 quality
systems as noted"
May 21, 2012
FN7932.0
Initial Release


Similar Part No. - ISL78302AARJRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302AARJRZ RENESAS-ISL78302AARJRZ Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL78302AARJRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com