Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78302AARBJZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL78302AARBJZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302AARBJZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL78302AARBJZ Datasheet HTML 3Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 4Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 5Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 6Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 7Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 8Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 9Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 10Page - Intersil Corporation ISL78302AARBJZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL78302A
11
FN7932.1
December 23, 2013
Package Outline Drawing
L10.3x3C
10 LEAD DUAL FLAT PACKAGE (DFN)
Rev 2, 09/09
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.18mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
(4X)
0.10
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL "X"
C
C
5
6
6
A
B
0.10 C
2
6
10
1
PACKAGE
0.20
(10x 0.25)
(8x 0.50)
1.64
(10 x 0.60)
3.00
0.05
0.20 REF
10 x 0.25
10x 0.40
1.64
OUTLINE
CB
(4X)
0.10
CB
5
M
7.
COMPLAINT TO JEDEC MO-229-WEED-3 except for E-PAD
dimensions.


Similar Part No. - ISL78302AARBJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302AARBJZ RENESAS-ISL78302AARBJZ Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL78302AARBJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com