Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C1000TA-12 Datasheet(PDF) 2 Page - Macronix International

Part # MX27C1000TA-12
Description  1M-BIT [128K x 8] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1000TA-12 Datasheet(HTML) 2 Page - Macronix International

  MX27C1000TA-12 Datasheet HTML 1Page - Macronix International MX27C1000TA-12 Datasheet HTML 2Page - Macronix International MX27C1000TA-12 Datasheet HTML 3Page - Macronix International MX27C1000TA-12 Datasheet HTML 4Page - Macronix International MX27C1000TA-12 Datasheet HTML 5Page - Macronix International MX27C1000TA-12 Datasheet HTML 6Page - Macronix International MX27C1000TA-12 Datasheet HTML 7Page - Macronix International MX27C1000TA-12 Datasheet HTML 8Page - Macronix International MX27C1000TA-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
MX27C1000
REV. 6.0, AUG. 26, 2003
P/N: PM0234
PROGRAM INHIBIT MODE
Programming of multiple MX27C1000s in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27C1000 may be common. A
TTL low-level program pulse applied to an MX27C1000
CE input with VPP = 12.5 ± 0.5 V and PGM LOW will
program that MX27C1000. A high-level CE input inhibits
the other MX27C1000s from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed bits
to determine that they were correctly programmed. The
verification should be performed with OE and CE at VIL,
PGM at VIH, and VPP at its programming voltage.
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and device type. This mode is intended for use by
programming equipment for the purpose of automatically
matching the device to be programmed with its
corresponding programming algorithm. This mode is
functional in the 25°C ± 5°C ambient temperature range
that is required when programming the MX27C1000.
BLOCK DIAGRAM
PIN DESCRIPTION
FUNCTIONAL
DESCRIPTION
THE PROGRAMMING OF THE MX27C1000
When the MX27C1000 is delivered, or it is erased,
the chip has all 1M bits in the "ONE" or HIGH state.
"ZEROs" are loaded into the MX27C1000 through the
procedure of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
Vcc must be applied simultaneously or before Vpp, and
removed simultaneously or after Vpp.
When
programming an MXIC EPROM, a 01.uF capacitor is
required across Vpp and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage VPP = 12.75V is applied, with
VCC = 6.25 V and PGM = VIL(or OE = VIH) (Algorithm
is shown in Figure 1). The programming is achieved
by applying a single TTL low level 100us pulse to the
PGM input after addresses and data line are stable. If
the data is not verified, an additional pulse is applied
for a maximum of 25 pulses. This process is repeated
while sequencing through each address of the device.
When the programming mode is completed, the data in
all address is verified at VCC = VPP = 5V ± 10%.
SYMBOL
PIN NAME
A0~A16
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
PGM
Programmable Enable Input
VPP
Program Supply Voltage
NC
No Internal Connection
VCC
Power Supply Pin (+5V)
GND
Ground Pin
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q17
CE
PGM
OE
A0~A16
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
1M BIT
CELL
MAXTRIX
VCC
GND
VPP
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - MX27C1000TA-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000TI-12 MCNIX-MX27C1000TI-12 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000TI-15 MCNIX-MX27C1000TI-15 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000TI-70 MCNIX-MX27C1000TI-70 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000TI-90 MCNIX-MX27C1000TI-90 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1000TA-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com