Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV004TTI-70 Datasheet(PDF) 5 Page - Macronix International

Part # MX29LV004TTI-70
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV004TTI-70 Datasheet(HTML) 5 Page - Macronix International

  MX29LV004TTI-70 Datasheet HTML 1Page - Macronix International MX29LV004TTI-70 Datasheet HTML 2Page - Macronix International MX29LV004TTI-70 Datasheet HTML 3Page - Macronix International MX29LV004TTI-70 Datasheet HTML 4Page - Macronix International MX29LV004TTI-70 Datasheet HTML 5Page - Macronix International MX29LV004TTI-70 Datasheet HTML 6Page - Macronix International MX29LV004TTI-70 Datasheet HTML 7Page - Macronix International MX29LV004TTI-70 Datasheet HTML 8Page - Macronix International MX29LV004TTI-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
P/N:PM0732
MX29LV004T/B
REV. 1.1, SEP. 19, 2001
AUTOMATIC PROGRAMMING
The MX29LV004T/B is byte programmable using the Au-
tomatic Programming algorithm. The Automatic Pro-
gramming algorithm makes the external system do not
need to have time out sequence nor to verify the data
programmed. The typical chip programming time at room
temperature of the MX29LV004T/B is less than 10 sec-
onds.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
Typical erasure at room temperature is accomplished in
less than 25 second. The Automatic Erase algorithm
automatically programs the entire array prior to electri-
cal erase. The timing and verification of electrical erase
are controlled internally within the device.
AUTOMATIC SECTOR ERASE
The MX29LV004T/B is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. The Automatic Sector
Erase algorithm automatically programs the specified
sector(s) prior to electrical erase. The timing and verifi-
cation of electrical erase are controlled internally within
the device. An erase operation can erase one sector,
multiple sectors, or the entire device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write program set-up commands (including
2 unlock write cycle and A0H) and a program command
(program data and address). The device automatically
times the programming pulse width, provides the pro-
gram verification, and counts the number of sequences.
The device provides an unlock bypass mode with faster
programming. Only two write cycles are needed to pro-
gram a byte, instead of four. A status bit similar to DATA
polling and a status bit toggling between consecutive
read cycles, provide feedback to the user as to the sta-
tus of the programming operation. Refer to write opera-
tion status, table7, for more information on these status
bits.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stan-
dard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
provides the erase verification, and counts the number
of sequences. A status bit toggling between consecu-
tive read cycles provides feedback to the user as to the
status of the erasing operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming cir-
cuitry. During write cycles, the command register inter-
nally latches address and data needed for the program-
ming and erase operations. During a system write cycle,
addresses are latched on the falling edge, and data are
latched on the rising edge of WE or CE, whichever hap-
pens first.
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, reli-
ability, and cost effectiveness. The MX29LV004T/B elec-
trically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by us-
ing the EPROM programming mechanism of hot elec-
tron injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is completed,
the device stays in read mode. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.
AUTOMATIC SELECT
The automatic select mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on Q7~Q0. This mode is
mainly adapted for programming equipment on the de-
vice to be programmed with its programming algorithm.
When programming by high voltage method, automatic
select mode requires VID (11.5V to 12.5V) on address
pin A9 and other address pin A6, A1 as referring to Table
3. In addition, to access the automatic select codes in-
system, the host can issue the automatic select com-


Similar Part No. - MX29LV004TTI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004CB MCNIX-MX29LV004CB Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-55Q MCNIX-MX29LV004CBQC-55Q Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-55R MCNIX-MX29LV004CBQC-55R Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-70 MCNIX-MX29LV004CBQC-70 Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-70G MCNIX-MX29LV004CBQC-70G Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV004TTI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com