Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C1000-45 Datasheet(PDF) 11 Page - Macronix International

Part # 27C1000-45
Description  1M-BIT [128K x 8] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C1000-45 Datasheet(HTML) 11 Page - Macronix International

Back Button 27C1000-45 Datasheet HTML 7Page - Macronix International 27C1000-45 Datasheet HTML 8Page - Macronix International 27C1000-45 Datasheet HTML 9Page - Macronix International 27C1000-45 Datasheet HTML 10Page - Macronix International 27C1000-45 Datasheet HTML 11Page - Macronix International 27C1000-45 Datasheet HTML 12Page - Macronix International 27C1000-45 Datasheet HTML 13Page - Macronix International 27C1000-45 Datasheet HTML 14Page - Macronix International 27C1000-45 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
MX27C1000
REV. 6.0, AUG. 26, 2003
P/N: PM0234
PLASTIC PACKAGE
PART NO.
ACCESS TIME
OPERATING
STANDBY
OPERATING
PACKAGE
(ns)
Current MAX.(mA) Current MAX.(uA) TEMPERATURE
MX27C1000PC-45
45
30
100
0°C to 70°C
32 PIN DIP
MX27C1000MC-45
45
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-45
45
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-45
45
30
100
0°C to 70°C
32 Pin TSOP
MX27C1000PC-55
55
30
100
0°C to 70°C
32 Pin DIP
MX27C1000MC-55
55
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-55
55
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-55
55
30
100
0°C to 70°C
32 Pin TSOP
MX27C1000PC-70
70
30
100
0°C to 70°C
32 Pin DIP
MX27C1000MC-70
70
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-70
70
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-70
70
30
100
0°C to 70°C
32 Pin TSOP
MX27C1000PC-90
90
30
100
0°C to 70°C
32 Pin DIP
MX27C1000MC-90
90
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-90
90
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-90
90
30
100
0°C to 70°C
32 Pin TSOP
MX27C1000PC-10
100
30
100
0°C to 70°C
32 Pin DIP
MX27C1000MC-10
100
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-10
100
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-10
100
30
100
0°C to 70°C
32 Pin TSOP
MX27C1000PC-12
120
30
100
0°C to 70°C
32 Pin DIP
MX27C1000MC-12
120
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-12
120
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-12
120
30
100
0°C to 70°C
32 Pin TSOP
MX27C1000PC-15
150
30
100
0°C to 70°C
32 Pin DIP
MX27C1000MC-15
150
30
100
0°C to 70°C
32 Pin SOP
MX27C1000QC-15
150
30
100
0°C to 70°C
32 Pin PLCC
MX27C1000TC-15
150
30
100
0°C to 70°C
32 Pin TSOP
ORDER INFORMATION


Similar Part No. - 27C1000-45

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C1000A-10 MCNIX-27C1000A-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
27C1000A-12 MCNIX-27C1000A-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
27C1000A-15 MCNIX-27C1000A-15 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
27C1000A-90 MCNIX-27C1000A-90 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - 27C1000-45

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com