Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP1301U Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NUP1301U
Description  Ultra low capacitance ESD protection array
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NUP1301U Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NUP1301U_15 Datasheet HTML 4Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 5Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 6Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 7Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 8Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 9Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 10Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 11Page - NXP Semiconductors NUP1301U_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NUP1301U
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 January 2011
8 of 14
NXP Semiconductors
NUP1301U
Ultra low capacitance ESD protection array
8.
Application information
Protection of a single (high-speed) data line in rail-to-rail configuration. The protected data
line is connected to pin 3. Pin 1 is connected to ground (GND) and pin 2 is connected to
the supply rail (supply voltage VCC). When the transient voltage exceeds the forward
voltage drop of one diode, the transient is directed either to the supply rail or to GND.
The advantages of these solutions are: low line capacitance (0.6 pF typically), fast
response time, and low clamping voltage.
Circuit board layout and protection device placement:
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the NUP1301U as close to the input terminal or connector as possible.
2. The path length between the NUP1301U and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
9.
Test information
9.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 8.
Typical application for the protection of one signal line
006aac518
Audio
interface
D2
NUP1301U
D1
NUP1301U
VCC
VCC


Similar Part No. - NUP1301U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
More results

Similar Description - NUP1301U_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
NUP1301-Q NEXPERIA-NUP1301-Q Datasheet
276Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
NUP1301QA-Q NEXPERIA-NUP1301QA-Q Datasheet
252Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com