Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3DV2567 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3DV2567
Description  Low-ohmic four-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3DV2567 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3DV2567_15 Datasheet HTML 1Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 2Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 3Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 4Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 5Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 6Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 7Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 8Page - NXP Semiconductors NX3DV2567_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NX3DV2567
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 9 November 2011
2 of 20
NXP Semiconductors
NX3DV2567
Low-ohmic four-pole double-throw analog switch
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Applications
Cell phone, PDA, digital camera, printer and notebook
LCD monitor, TV and set-top box
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3DV2567HR
40 Cto+125 C
HXQFN16U plastic thermal enhanced extremely thin quad flat
package; no leads; 16 terminals; UTLP based;
body 3 x 3 x 0.5 mm
SOT1039-1
NX3DV2567GU
40 C to +125 C
XQFN16
plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80 x 2.60 x 0.50 mm
SOT1161-1
Table 2.
Marking codes
Type number
Marking code
NX3DV2567HR
D60
NX3DV2567GU
D60


Similar Part No. - NX3DV2567_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV2567-Q100 NXP-NX3DV2567-Q100 Datasheet
169Kb / 19P
   Low-ohmic four-pole double-throw analog switch
Rev. 1 ??20 January 2014
NX3DV2567-Q100 NXP-NX3DV2567-Q100 Datasheet
333Kb / 21P
   Low-ohmic four-pole double-throw analog switch
Rev. 1.1 - 4 October 2023
NX3DV2567-Q100 NXP-NX3DV2567-Q100_V01 Datasheet
333Kb / 21P
   Low-ohmic four-pole double-throw analog switch
Rev. 1.1 - 4 October 2023
NX3DV2567GU NXP-NX3DV2567GU Datasheet
635Kb / 20P
   Low-ohmic four-pole double-throw analog switch
Rev. 1-28 September 2010
NX3DV2567GU NXP-NX3DV2567GU Datasheet
351Kb / 22P
   Low-ohmic four-pole double-throw analog switch
Rev. 2.1 - 4 October 2023
More results

Similar Description - NX3DV2567_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV2567-Q100 NXP-NX3DV2567-Q100 Datasheet
169Kb / 19P
   Low-ohmic four-pole double-throw analog switch
Rev. 1 ??20 January 2014
NX3DV2567 NXP-NX3DV2567_V01 Datasheet
351Kb / 22P
   Low-ohmic four-pole double-throw analog switch
Rev. 2.1 - 4 October 2023
NX3DV2567 NXP-NX3DV2567 Datasheet
635Kb / 20P
   Low-ohmic four-pole double-throw analog switch
Rev. 1-28 September 2010
NX3DV2567-Q100 NXP-NX3DV2567-Q100_V01 Datasheet
333Kb / 21P
   Low-ohmic four-pole double-throw analog switch
Rev. 1.1 - 4 October 2023
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com