Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ431EP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ431EP
Description  Automotive P-Channel 200 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ431EP Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQJ431EP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 9Page - Vishay Siliconix SQJ431EP_15 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SQJ431EP
www.vishay.com
Vishay Siliconix
S11-1361-Rev. B, 18-Jul-11
6
Document Number: 67033
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TC = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67033.
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
0.02
0.05


Similar Part No. - SQJ431EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ431EP-T1-GE3 VISHAY-SQJ431EP-T1-GE3 Datasheet
733Kb / 10P
   Automotive P-Channel 200 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ431EP VISHAY-SQJ431EP_V01 Datasheet
733Kb / 10P
   Automotive P-Channel 200 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ431EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ431EP VISHAY-SQJ431EP Datasheet
160Kb / 9P
   Automotive P-Channel 200 V (D-S) 175 °C MOSFET
Rev. B, 18-Jul-11
SQJ431AEP VISHAY-SQJ431AEP_V02 Datasheet
253Kb / 9P
   Automotive P-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM60N20-35 VISHAY-SQM60N20-35 Datasheet
227Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA20EP VISHAY-SQJA20EP_V02 Datasheet
314Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ454EP VISHAY-SQJ454EP_V02 Datasheet
308Kb / 10P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM90142E VISHAY-SQM90142E_V02 Datasheet
226Kb / 9P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM60N20-35 VISHAY-SQM60N20-35_15 Datasheet
226Kb / 11P
   Automotive N-Channel 200 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQJ431AEP VISHAY-SQJ431AEP_V01 Datasheet
254Kb / 9P
   Automotive P-Channel 200 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ431EP VISHAY-SQJ431EP_V01 Datasheet
733Kb / 10P
   Automotive P-Channel 200 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ431AEP VISHAY-SQJ431AEP Datasheet
257Kb / 9P
   Automotive P-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 15-Jan-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com