Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F200TMI-90 Datasheet(PDF) 2 Page - Macronix International

Part # MX29F200TMI-90
Description  2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F200TMI-90 Datasheet(HTML) 2 Page - Macronix International

  MX29F200TMI-90 Datasheet HTML 1Page - Macronix International MX29F200TMI-90 Datasheet HTML 2Page - Macronix International MX29F200TMI-90 Datasheet HTML 3Page - Macronix International MX29F200TMI-90 Datasheet HTML 4Page - Macronix International MX29F200TMI-90 Datasheet HTML 5Page - Macronix International MX29F200TMI-90 Datasheet HTML 6Page - Macronix International MX29F200TMI-90 Datasheet HTML 7Page - Macronix International MX29F200TMI-90 Datasheet HTML 8Page - Macronix International MX29F200TMI-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
P/N:PM0549
REV. 1.3 , DEC. 24, 2001
MX29F200T/B
PIN CONFIGURATIONS
44 SOP(500mil)
48 TSOP(TYPE I) (12mm x 20mm)
PIN DESCRIPTION
SYMBOL
PIN NAME
A0-A16
Address Input
Q0-Q14
Data Input/Output
Q15/A-1
Q15(Word mode)/LSB addr.(Byte mode)
CE
Chip Enable Input
OE
Output Enable Input
RESET
Hardware Reset Pin, Active low
WE
Write Enable Input
RY/BY
Read/Busy Output
BYTE
Word/Byte Selection Input
VCC
Power Supply Pin (+5V)
GND
Ground Pin
NC
Pin Not Connected Internally
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RY/BY
NC
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
RESET
WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
RY/BY
NC
NC
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE
GND
CE
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX29F200T/B
(NORMAL TYPE)
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
RY/BY
NC
NC
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE
GND
CE
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX29F200T/B
(REVERSE TYPE)


Similar Part No. - MX29F200TMI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CB MCNIX-MX29F200CB Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-55 MCNIX-MX29F200CBMI-55 Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-55G MCNIX-MX29F200CBMI-55G Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-70 MCNIX-MX29F200CBMI-70 Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-70G MCNIX-MX29F200CBMI-70G Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
More results

Similar Description - MX29F200TMI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com