Electronic Components Datasheet Search |
|
SQJ488EP Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SQJ488EP Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 11 page SQJ488EP www.vishay.com Vishay Siliconix S14-2219-Rev. B, 10-Nov-14 2 Document Number: 62846 For technical questions, contact: automostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes a. Pulse test; pulse width ≤ 300 μs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS (TC = 25 °C, unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage VDS VGS = 0, ID = 250 μA 100 - - V Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = 250 μA 1.5 2.0 2.5 Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 20 V - - ± 100 nA Zero Gate Voltage Drain Current IDSS VGS = 0 V VDS = 100 V - - 1 μA VGS = 0 V VDS = 100 V, TJ = 125 °C - - 50 VGS = 0 V VDS = 100 V, TJ = 175 °C - - 150 On-State Drain Current a ID(on) VGS = 10 V VDS ≥ 5 V 30 - - A Drain-Source On-State Resistance a RDS(on) VGS = 10 V ID = 7.1 A - 0.0176 0.0210 Ω VGS = 4.5 V ID = 6.4 A - 0.0215 0.0258 VGS = 10 V ID = 7.1 A, TJ = 125 °C - - 0.0360 VGS = 10 V ID = 7.1 A, TJ = 175 °C - - 0.0450 Forward Transconductance b gfs VDS = 15 V, ID = 7.1 A - 28 - S Dynamic b Input Capacitance Ciss VGS = 0 V VDS = 50 V, f = 1 MHz - 782 978 pF Output Capacitance Coss - 372 462 Reverse Transfer Capacitance Crss -44 55 Total Gate Charge c Qg VGS = 10 V VDS = 50 V, ID = 15 A -18 27 nC Gate-Source Charge Qgs -2 - Gate-Drain Charge c Qgd -4.7 - Gate Resistance Rg f = 1 MHz 1.1 2.2 3.3 Ω Turn-On Delay Time c td(on) VDD = 50 V, RL = 5 Ω ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω -4 6 ns Rise Time c tr -11 16 Turn-Off Delay Time c td(off) -20 30 Fall Time c tf -4.6 7 Source-Drain Diode Ratings and Characteristics b Pulsed Current a ISM -- 128 A Forward Voltage VSD IF = 4.7 A, VGS = 0 - 0.78 1.2 V |
Similar Part No. - SQJ488EP_15 |
|
Similar Description - SQJ488EP_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |