Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C512-12 Datasheet(PDF) 10 Page - Macronix International

Part # 27C512-12
Description  512K-BIT [64Kx8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C512-12 Datasheet(HTML) 10 Page - Macronix International

Back Button 27C512-12 Datasheet HTML 6Page - Macronix International 27C512-12 Datasheet HTML 7Page - Macronix International 27C512-12 Datasheet HTML 8Page - Macronix International 27C512-12 Datasheet HTML 9Page - Macronix International 27C512-12 Datasheet HTML 10Page - Macronix International 27C512-12 Datasheet HTML 11Page - Macronix International 27C512-12 Datasheet HTML 12Page - Macronix International 27C512-12 Datasheet HTML 13Page - Macronix International 27C512-12 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
P/N:PM0235
REV. 4.8, AUG. 26, 2003
MX27C512
ORDERING INFORMATION
PLASTIC PACKAGE
PART NO.
ACCESS TIME
OPERATING
STANDBY
OPERATING
PACKAGE
(ns)
CURRENT MAX.(mA)
CURRENT MAX.(uA)
TEMPERATURE
MX27C512PC-45
45
30
100
0°C to 70°C
28 Pin DIP
MX27C512QC-45
45
30
100
0°C to 70°C
32 Pin PLCC
MX27C512TC-45
45
30
100
0°C to 70°C
28 PinTSOP(I)
MX27C512PC-55
55
30
100
0°C to 70°C
28 Pin DIP
MX27C512QC-55
55
30
100
0°C to 70°C
32 Pin PLCC
MX27C512TC-55
55
30
100
0°C to 70°C
28 Pin TSOP(I)
MX27C512PC-70
70
30
100
0°C to 70°C
28 Pin DIP
MX27C512QC-70
70
30
100
0°C to 70°C
32 Pin PLCC
MX27C512TC-70
70
30
100
0°C to 70°C
28 Pin TSOP(I)
MX27C512PC-90
90
30
100
0°C to 70°C
28 Pin DIP
MX27C512QC-90
90
30
100
0°C to 70°C
32 Pin PLCC
MX27C512TC-90
90
30
100
0°C to 70°C
28 Pin TSOP(I)
MX27C512PC-12
120
30
100
0°C to 70°C
28 Pin DIP
MX27C512QC-12
120
30
100
0°C to 70°C
32 Pin PLCC
MX27C512TC-12
120
30
100
0°C to 70°C
28 Pin TSOP(I)
MX27C512PC-15
150
30
100
0°C to 70°C
28 Pin DIP
MX27C512QC-15
150
30
100
0°C to 70°C
32 Pin PLCC
MX27C512TC-15
150
30
100
0°C to 70°C
28 Pin TSOP(I)
MX27C512PI-45
45
30
100
-40°C to 85°C
28 Pin DIP
MX27C512QI-45
45
30
100
-40°C to 85°C
32 Pin PLCC
MX27C512TI-45
45
30
100
-40°C to 85°C
28 PinTSOP(I)
MX27C512PI-55
55
30
100
-40°C to 85°C
28 Pin DIP
MX27C512QI-55
55
30
100
-40°C to 85°C
32 Pin PLCC
MX27C512TI-55
55
30
100
-40°C to 85°C
28 Pin TSOP(I)
MX27C512PI-70
70
30
100
-40°C to 85°C
28 Pin DIP
MX27C512QI-70
70
30
100
-40°C to 85°C
32 Pin PLCC
MX27C512TI-70
70
30
100
-40°C to 85°C
28 Pin TSOP(I)
MX27C512PI-90
90
30
100
-40°C to 85°C
28 Pin DIP
MX27C512QI-90
90
30
100
-40°C to 85°C
32 Pin PLCC
MX27C512TI-90
90
30
100
-40°C to 85°C
28 Pin TSOP(I)
MX27C512PI-12
120
30
100
-40°C to 85°C
28 Pin DIP
MX27C512QI-12
120
30
100
-40°C to 85°C
32 Pin PLCC
MX27C512TI-12
120
30
100
-40°C to 85°C
28 Pin TSOP(I)
MX27C512PI-15
150
30
100
-40°C to 85°C
28 Pin DIP
MX27C512QI-15
150
30
100
-40°C to 85°C
32 Pin PLCC
MX27C512TI-15
150
30
100
-40°C to 85°C
28 Pin TSOP(I)
MX27C512TA-90
90
30
100
-40°C to 125°C
28 Pin TSOP(I)
MX27C512TA-120
120
30
100
-40°C to 125°C
28 Pin TSOP(I)


Similar Part No. - 27C512-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C512-120 STMICROELECTRONICS-27C512-120 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - 27C512-12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com