Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGW75N65H5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IGW75N65H5
Description  650V IGBT high speed series fifth generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW75N65H5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IGW75N65H5 Datasheet HTML 3Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 4Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 5Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 6Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 7Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 8Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 9Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 10Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IGW75N65H5
Highspeedseriesfifthgeneration
Rev.2.1,2015-05-20
Figure 1.
Forwardbiassafeoperatingarea
(D=0,TC=25°C,Tvj
≤175°C,VGE=15V,tp=1µs,
ICmaxdefinedbydesign-notsubjectto
production test)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
1
10
100
1000
0.1
1
10
100
not for linear use
Figure 2.
Powerdissipationasafunctionofcase
temperature
(Tvj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
400
Figure 3.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tvj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Figure 4.
Typicaloutputcharacteristic
(Tvj=25°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
30
60
90
120
150
180
210
240
270
300
VGE = 20V
18V
15V
12V
10V
8V
7V
6V
4V


Similar Part No. - IGW75N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
   High speed switching series third generation
2011-12-13 revision:1.2
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW75N60T INFINEON-IGW75N60T Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
IGW75N60T INFINEON-IGW75N60T Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results

Similar Description - IGW75N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGZ75N65H5 INFINEON-IGZ75N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGZ50N65H5 INFINEON-IGZ50N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGZ100N65H5 INFINEON-IGZ100N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGP30N65F5 INFINEON-IGP30N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP30N65H5 INFINEON-IGP30N65H5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP40N65F5 INFINEON-IGP40N65F5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGW50N65F5 INFINEON-IGW50N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-04
IGW50N65H5 INFINEON-IGW50N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-05
IGP20N65F5 INFINEON-IGP20N65F5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com