Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ942EP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQJ942EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ942EP Datasheet(HTML) 4 Page - Vishay Siliconix

  SQJ942EP_15 Datasheet HTML 1Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SQJ942EP
www.vishay.com
Vishay Siliconix
S13-0708-Rev. B, 01-Apr-13
4
Document Number: 62669
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL 1 TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
8
16
24
32
40
0
2
4
6
8
10
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0
2
4
6
8
10
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = - 55 °C
T
C = 125 °C
0.00
0.02
0.04
0.06
0.08
0.10
0
8
16
24
32
40
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
8
16
24
32
40
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
15
30
45
60
75
0
2
4
6
8
10
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
240
480
720
960
1200
0
8
16
24
32
40
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SQJ942EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_V01 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
More results

Similar Description - SQJ942EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
SQJ940EP VISHAY-SQJ940EP_V02 Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ244EP VISHAY-SQJ244EP_V02 Datasheet
379Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ884EP VISHAY-SQJ884EP Datasheet
178Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2022
SUD50N04-07L VISHAY-SUD50N04-07L_V01 Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFETs
18-Jul-08
SQJ208EP VISHAY-SQJ208EP_V01 Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ208EP VISHAY-SQJ208EP Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. B, 21-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com