Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ951EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ951EP
Description  Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ951EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ951EP_15 Datasheet HTML 1Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ951EP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SQJ951EP
www.vishay.com
Vishay Siliconix
S12-0316-Rev. A, 27-Feb-12
1
Document Number: 63658
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR4 material).
d. Parametric verification ongoing.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
- 30
RDS(on) (
Ω) at VGS = - 10 V
0.017
RDS(on) (
Ω) at VGS = - 4.5 V
0.036
ID (A)
- 30
Configuration
Dual
4
3
2
1
6.15
mm
5.13
mm
Bottom View
PowerPAK® SO-8L Dual
G2
S2
G1
S1
D
2
D
1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ORDERING INFORMATION
Package
PowerPAK SO-8L
Lead (Pb)-free and Halogen-free
SQJ951EP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °Ca
ID
- 30
A
TC = 125 °C
- 28
Continuous Source Current (Diode Conduction)a
IS
- 30
Pulsed Drain Currentb
IDM
- 120
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 27
Single Pulse Avalanche Energy
EAS
36.5
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
56
W
TC = 125 °C
18.5
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
85
°C/W
Junction-to-Case (Drain)
RthJC
2.7


Similar Part No. - SQJ951EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ951EP VISHAY-SQJ951EP_V01 Datasheet
233Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ951EP VISHAY-SQJ951EP_V02 Datasheet
232Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJ951EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ941EP VISHAY-SQJ941EP Datasheet
160Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQ4953EY VISHAY-SQ4953EY Datasheet
115Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2022
SQ4937EY VISHAY-SQ4937EY_V02 Datasheet
216Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3987EV VISHAY-SQ3987EV_V02 Datasheet
309Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3989EV VISHAY-SQ3989EV_V02 Datasheet
313Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4949EY VISHAY-SQ4949EY_V02 Datasheet
217Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ951EP VISHAY-SQJ951EP Datasheet
178Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4937EY VISHAY-SQ4937EY Datasheet
256Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4937EY VISHAY-SQ4937EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4949EY VISHAY-SQ4949EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com