Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3008NBKW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3008NBKW
Description  30 V, 350 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008NBKW Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3008NBKW_15 Datasheet HTML 1Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 2Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 3Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 4Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 5Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 6Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 7Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 8Page - NXP Semiconductors NX3008NBKW_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NX3008NBKW
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 2 August 2011
2 of 16
NXP Semiconductors
NX3008NBKW
30 V, 350 mA N-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
% = placeholder for manufacturing site code
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT323 (SC-70)
2S
source
3
D
drain
12
3
017aaa255
G
D
S
Table 3.
Ordering information
Type number
Package
Name
Description
Version
NX3008NBKW
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 4.
Marking codes
Type number
Marking code[1]
NX3008NBKW
AA%


Similar Part No. - NX3008NBKW_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
   30 V, 350 mA N-channel Trench MOSFET
More results

Similar Description - NX3008NBKW_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
   30 V, 350 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKS PHILIPS-NX3008NBKS_15 Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBKS NEXPERIA-NX3008NBKS Datasheet
277Kb / 15P
   30 V, 350 mA dual N-channel Trench MOSFET
5 November 2022
logo
NXP Semiconductors
NX3008CBKS PHILIPS-NX3008CBKS_15 Datasheet
1Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKS NEXPERIA-NX3008CBKS Datasheet
2Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
2N7002PV NXP-2N7002PV Datasheet
168Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com