Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F022NTQC-55 Datasheet(PDF) 1 Page - Macronix International

Part # MX29F022NTQC-55
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022NTQC-55 Datasheet(HTML) 1 Page - Macronix International

  MX29F022NTQC-55 Datasheet HTML 1Page - Macronix International MX29F022NTQC-55 Datasheet HTML 2Page - Macronix International MX29F022NTQC-55 Datasheet HTML 3Page - Macronix International MX29F022NTQC-55 Datasheet HTML 4Page - Macronix International MX29F022NTQC-55 Datasheet HTML 5Page - Macronix International MX29F022NTQC-55 Datasheet HTML 6Page - Macronix International MX29F022NTQC-55 Datasheet HTML 7Page - Macronix International MX29F022NTQC-55 Datasheet HTML 8Page - Macronix International MX29F022NTQC-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
P/N:PM0556
REV. 1.3, NOV. 11, 2002
MX29F022/022NT/B
2M-BIT[256K x 8]CMOS FLASH MEMORY
FEATURES
262,144x 8 only
Fast access time: 55/70/90/120ns
Low power consumption
- 30mA maximum active current
- 1uA typical standby current@5MHz
Programming and erasing voltage 5V
±10%
Command register architecture
- Byte Programming (7us typical)
- Sector Erase (16K-Byte x1, 8K-Byte x 2, 32K-Byte
x1, and 64K-Byte x 3)
Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors or
the whole chip with Erase Suspend capability.
- Automatically programs and verifies data at speci-
fied address
Erase Suspend/Erase Resume
- Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation.
Status Reply
- Data polling & Toggle bit for detection of program
and erase cycle completion.
Chip protect/unprotect for 5V only system or 5V/12V
system
100,000 minimum erase/program cycles
Latch-up protected to 100mA from -1 to VCC+1V
Boot Code Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
Hardware RESET pin
- Resets internal state machine to read mode
Low VCC write inhibit is equal to or less than 3.2V
Package type:
- 32-pin PDIP
- 32-pin PLCC
- 32-pin TSOP (Type 1)
20 years data retention
GENERAL DESCRIPTION
The MX29F022T/B is a 2-mega bit Flash memory
organized as 256K bytes of 8 bits only. MXIC's Flash
memories offer the most cost-effective and reliable read/
write non-volatile random access memor y. The
MX29F022T/B is packaged in 32-pin PDIP, PLCC and
32-pin TSOP(I). It is designed to be reprogrammed and
erased in-system or in-standard EPROM programmers.
The standard MX29F022T/B offers access time as fast
as 55ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention,
the MX29F022T/B has separate chip enable (CE) and
output enable (OE) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29F022T/B uses a command register to manage this
functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining
maximum EPROM compatibility.
MXIC's Flash technology reliably stores memory
contents even after 100,000 erase and program cycles.
The MXIC cell is designed to optimize the erase and
programming mechanisms. In addition, the combina-
tion of advanced tunnel oxide processing and low
internal electric fields for erase and programming
operations produces reliable cycling. The MX29F022T/
B uses a 5.0V
± 10% VCC supply to perform the High
Reliability Erase and auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up
protection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.


Similar Part No. - MX29F022NTQC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022B MCNIX-MX29F022B Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-12 MCNIX-MX29F022BPC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-70 MCNIX-MX29F022BPC-70 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-90 MCNIX-MX29F022BPC-90 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BQC-12 MCNIX-MX29F022BQC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022NTQC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com