Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3008PBKW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX3008PBKW
Description  30 V, 200 mA P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008PBKW Datasheet(HTML) 1 Page - NXP Semiconductors

  NX3008PBKW_15 Datasheet HTML 1Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 2Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 3Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 4Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 5Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 6Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 7Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 8Page - NXP Semiconductors NX3008PBKW_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
P-channel enhancement mode Field-Effect Transistor (FET) in a small SOT323 (SC-70)
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
1.2 Features and benefits
Very fast switching
Low threshold voltage
Trench MOSFET technology
ESD protection up to 2 kV
AEC-Q101 qualified
1.3 Applications
Relay driver
High-speed line driver
High-side loadswitch
Switching circuits
1.4 Quick reference data
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
NX3008PBKW
30 V, 200 mA P-channel Trench MOSFET
Rev. 1 — 1 August 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj = 25 °C
---30
V
VGS
gate-source voltage
-8
-
8
V
ID
drain current
VGS =-4.5V; Tamb =25°C
[1] ---200 mA
Static characteristics
RDSon
drain-source on-state
resistance
VGS =-4.5V; ID =-200mA;
Tj =25 °C
-2.8
4.1


Similar Part No. - NX3008PBKW_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008PBKW NXP-NX3008PBKW Datasheet
883Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBKW NEXPERIA-NX3008PBKW Datasheet
1Mb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
More results

Similar Description - NX3008PBKW_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008PBKT NEXPERIA-NX3008PBKT Datasheet
1Mb / 17P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
NXP Semiconductors
NX3008PBKW NXP-NX3008PBKW Datasheet
883Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBKT NXP-NX3008PBKT Datasheet
879Kb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBKW NEXPERIA-NX3008PBKW Datasheet
1Mb / 16P
   30 V, 200 mA P-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
NXP Semiconductors
NX3008PBKS PHILIPS-NX3008PBKS_15 Datasheet
905Kb / 17P
   30 V, 200 mA dual P-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008PBKS NXP-NX3008PBKS Datasheet
905Kb / 17P
   30 V, 200 mA dual P-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008PBKS NEXPERIA-NX3008PBKS Datasheet
1Mb / 17P
   30 V, 200 mA dual P-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
NXP Semiconductors
NX3008CBKS PHILIPS-NX3008CBKS_15 Datasheet
1Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKS NEXPERIA-NX3008CBKS Datasheet
2Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
NX3008PBK PHILIPS-NX3008PBK_15 Datasheet
884Kb / 16P
   30 V, 230 mA P-channel Trench MOSFET
Rev. 1-1 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com