Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7002AKS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX7002AKS
Description  60 V, dual N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX7002AKS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX7002AKS_15 Datasheet HTML 2Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 3Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 4Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 5Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 6Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 7Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 8Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 9Page - NXP Semiconductors NX7002AKS_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NX7002AKS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 1 March 2012
6 of 15
NXP Semiconductors
NX7002AKS
60 V, dual N-channel Trench MOSFET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
60
--V
VGSth
gate-source threshold
voltage
ID =250 µA; VDS =VGS; Tj = 25 °C
1.1
1.6
2.1
V
IDSS
drain leakage current
VDS =60V; VGS =0V; Tj = 25 °C
--1
µA
VDS =60V; VGS =0V; Tj = 150 °C
--10
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
--2
µA
VGS =-20 V; VDS =0V; Tj = 25 °C
--2
µA
VGS =10V; VDS =0V; Tj = 25 °C
--0.5
µA
VGS =-10 V; VDS =0V; Tj = 25 °C
--0.5
µA
VGS =5V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-5 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =100 mA; Tj =25°C
-
3
4.5
VGS =10V; ID =100 mA; Tj = 150 °C
-
6.2
9.2
VGS =5V; ID = 100 mA; Tj =25 °C
-
3.7
5.2
gfs
forward
transconductance
VDS =10V; ID = 200 mA; Tj = 25 °C
-
230
-
mS
Dynamic characteristics
QG(tot)
total gate charge
VDS =30V; ID = 200 mA; VGS =4.5 V;
Tj =25°C
-
0.33
0.43
nC
QGS
gate-source charge
-
0.12
-
nC
QGD
gate-drain charge
-
0.09
-
nC
Ciss
input capacitance
VDS =10V; f=1MHz; VGS =0V;
Tj =25°C
-11
17
pF
Coss
output capacitance
-
3.4
-
pF
Crss
reverse transfer
capacitance
-1.4
-pF
td(on)
turn-on delay time
VDS =40V; RL = 250 Ω; VGS =10V;
RG(ext) =6 Ω; Tj =25 °C
-
6
12
ns
tr
rise time
-
7
-
ns
td(off)
turn-off delay time
-
20
40
ns
tf
fall time
-
14
-
ns
Source-drain diode
VSD
source-drain voltage
IS =115 mA; VGS =0V; Tj = 25 °C
0.47
0.7
1.2
V


Similar Part No. - NX7002AKS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX7002AKS NEXPERIA-NX7002AKS Datasheet
1Mb / 15P
   60 V, dual N-channel Trench MOSFET
More results

Similar Description - NX7002AKS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2N7002HS NEXPERIA-2N7002HS Datasheet
294Kb / 15P
   60 V, dual N-channel Trench MOSFET
15 December 2021
NX138AKS NEXPERIA-NX138AKS Datasheet
789Kb / 16P
   60 V, dual N-channel Trench MOSFET
logo
NXP Semiconductors
NX7002BKS PHILIPS-NX7002BKS_15 Datasheet
301Kb / 16P
   60 V, dual N-channel Trench MOSFET
12 May 2015
logo
Nexperia B.V. All right...
NX138BKS NEXPERIA-NX138BKS Datasheet
761Kb / 15P
   60 V, dual N-channel Trench MOSFET
NX7002AKS NEXPERIA-NX7002AKS Datasheet
1Mb / 15P
   60 V, dual N-channel Trench MOSFET
NX7002BKS NEXPERIA-NX7002BKS Datasheet
731Kb / 16P
   60 V, dual N-channel Trench MOSFET
12 May 2015
logo
NXP Semiconductors
NX7002BKXB PHILIPS-NX7002BKXB_15 Datasheet
265Kb / 17P
   60 V, dual N-channel Trench MOSFET
30 June 2015
logo
Nexperia B.V. All right...
NX7002BKXB NEXPERIA-NX7002BKXB Datasheet
743Kb / 17P
   60 V, dual N-channel Trench MOSFET
NX6008NBKS NEXPERIA-NX6008NBKS Datasheet
288Kb / 14P
   60 V, dual N-channel Trench MOSFET
19 August 2021
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com