Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD36VS1UL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD36VS1UL
Description  Unidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD36VS1UL Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD36VS1UL_15 Datasheet HTML 1Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 2Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 3Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 4Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 5Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 6Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 7Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 8Page - NXP Semiconductors PESD36VS1UL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PESD36VS1UL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 5 March 2012
2 of 11
NXP Semiconductors
PESD36VS1UL
Unidirectional ESD protection diode
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device stressed with ten non-repetitive current pulses (8/20
s exponential decay waveform according to
IEC 61000-4-5 and IEC 61643-321).
[2]
Measured from pin 1 to pin 2.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 to pin 2.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD36VS1UL
-
leadless ultra small plastic package; 2 terminals;
body 1.0
 0.6  0.5 mm
SOD882
Table 4.
Marking codes
Type number
Marking code
PESD36VS1UL
TC
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPPM
rated peak pulse power
tp =8/20 s
[1][2] -150
W
IPPM
rated peak pulse current
tp =8/20 s
[1][2] -2.5
A
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2] -30
kV
machine model
[2] -400
V
MIL-STD-883
(human body model)
-10
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3B (human body model)
> 8 kV


Similar Part No. - PESD36VS1UL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD36VS1ULS NEXPERIA-PESD36VS1ULS Datasheet
231Kb / 11P
   Unidirectional ESD protection diode
28 January 2021
More results

Similar Description - PESD36VS1UL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
   Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
   Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
   Unidirectional ESD protection diode
PESD24VS1ULS NEXPERIA-PESD24VS1ULS Datasheet
227Kb / 11P
   Unidirectional ESD protection diode
28 January 2021
PESD15VS1ULD NEXPERIA-PESD15VS1ULD Datasheet
871Kb / 12P
   Unidirectional ESD protection diode
Rev. 1 - 11 May 2011
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
   Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com