Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ2301 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJ2301
Description  20V P-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ2301 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJ2301 Datasheet HTML 1Page - Pan Jit International Inc. PJ2301 Datasheet HTML 2Page - Pan Jit International Inc. PJ2301 Datasheet HTML 3Page - Pan Jit International Inc. PJ2301 Datasheet HTML 4Page - Pan Jit International Inc. PJ2301 Datasheet HTML 5Page - Pan Jit International Inc. PJ2301 Datasheet HTML 6Page - Pan Jit International Inc. PJ2301 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
March 2,2015-REV.02
PJ2301
FEATURES
• R
DS(ON), VGS@-1.8V,ID@-1.5A=200mΩ
• R
DS(ON), VGS@-4.5V,ID@-2.2A=105mΩ
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Specially Designed for DC/DC converters
• Low gate charge
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : SOT-23 Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
• Marking : 01
20V P-Channel Enhancement Mode MOSFET
Maximum Ratings and Thermal Characteristics (T
A=25
OC unless otherwise noted )
NOTES:
1. Mounted on minimum pad layout.
2. Mounted on 48cm
2 FR-4 PCB board.
.
PA RA ME TE R
S ym b o l
L i mi t
Uni ts
D r ai n- S o ur c e Vo ltage
V
DS
-2 0
V
G a t e - S our c e Vo ltage
V
GS
+ 8V
C o nt i nuo us D r ai n C ur r ent ( Not es 1)
S t eady- S ta t e
S t eady- S ta t e
t < 5s
T
A =2 5
O C
T
A =7 0
O C
T
A =2 5
O C
I
D
-1 .7 5
-1 . 4
-2
A
P uls ed D r ai n C ur r ent ( Not es 1)
I
DM
10
A
P o we r D i s s i pat i on ( Notes 2)
T
A =2 5
O C
T
A =7 0
O C
P
D
700
450
mW
Typi cal Ther m a l Re s i s t anc e ( Not es 1)
R
θJA
175
O C/W
Typi cal Ther m a l Re s i s t anc e ( Not es 1)
R
θJL
65
O C/W
O per at i ng Junc t i on and S t or age Te m p er at ur e Ra ng e
T
J ,T STG
- 55 t o + 150
O C
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - PJ2301

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PJ2301MR VBSEMI-PJ2301MR Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - PJ2301

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com