Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS1UL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESDXS1UL
Description  Unidirectional ESD protection diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UL Datasheet(HTML) 5 Page - NXP Semiconductors

  PESDXS1UL_15 Datasheet HTML 1Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 2Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 3Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 4Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 5Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 6Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 7Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 8Page - NXP Semiconductors PESDXS1UL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PESDXS1UL_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 October 2011
5 of 15
NXP Semiconductors
PESDxS1UL series
Unidirectional ESD protection diodes
[1]
Pulse test: tp  300 s; duty cycle  0.02.
[2]
Non-repetitive current pulse 8/20
s exponential decay waveform according to IEC 61000-4-5.
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S1UL
-
207
300
pF
PESD5V0S1UL
-
152
200
pF
PESD12VS1UL
-
38
75
pF
PESD15VS1UL
-
32
70
pF
PESD24VS1UL
-
23
50
pF
VCL
clamping voltage
[2]
PESD3V3S1UL
IPP = 1 A
--8
V
IPP = 15 A
--20
V
PESD5V0S1UL
IPP = 1 A
--9
V
IPP = 15 A
--20
V
PESD12VS1UL
IPP = 1 A
--19
V
IPP = 5 A
--35
V
PESD15VS1UL
IPP = 1 A
--23
V
IPP = 5 A
--40
V
PESD24VS1UL
IPP = 1 A
--36
V
IPP = 3 A
--70
V
rdif
differential resistance
PESD3V3S1UL
IR = 1 mA
-
-
400
PESD5V0S1UL
IR = 1 mA
--80
PESD12VS1UL
IR = 1 mA
-
-
200
PESD15VS1UL
IR = 1 mA
-
-
225
PESD24VS1UL
IR = 0.5 mA
-
-
300
Table 8.
Characteristics …continued
Tamb =25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - PESDXS1UL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXS1UL_SER NEXPERIA-PESDXS1UL_SER Datasheet
438Kb / 16P
   Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
More results

Similar Description - PESDXS1UL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD9X5.0L NEXPERIA-PESD9X5.0L Datasheet
289Kb / 15P
   Unidirectional ESD protection diodes
PESDXS1UL_SER NEXPERIA-PESDXS1UL_SER Datasheet
438Kb / 16P
   Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD9XXL_SER NEXPERIA-PESD9XXL_SER Datasheet
174Kb / 14P
   Unidirectional ESD protection diodes
Rev. 1 - 16 December 2010
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
logo
Nexperia B.V. All right...
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com