Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button LM4040 Datasheet HTML 6Page - Micrel Semiconductor LM4040 Datasheet HTML 7Page - Micrel Semiconductor LM4040 Datasheet HTML 8Page - Micrel Semiconductor LM4040 Datasheet HTML 9Page - Micrel Semiconductor LM4040 Datasheet HTML 10Page - Micrel Semiconductor LM4040 Datasheet HTML 11Page - Micrel Semiconductor LM4040 Datasheet HTML 12Page - Micrel Semiconductor LM4040 Datasheet HTML 13Page - Micrel Semiconductor LM4040 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM4040/4041
Micrel
LM4040/4041
10
January 2000
+0.5
+0.4
+0.3
+0.2
+0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
-40
-22ppm/
°C
-51ppm/
°C
I
R
= 150µA
LM4041-1.2
12ppm/
°C
TEMPERATURE (
°C)
Temperature Drift for Different
Average Temperature Coefficient
-20
0
20406080 100
C
L
= 1µF
TANTALUM
Output Impedence
vs. Frequency
1k
100
10
1
0.1
100
1k
10k
100k
1M
FREQUENCY (Hz)
T
J
= 25
° C
∆I
R
= 0.1I
R
LM4041-1.2
C
L
= 0
X
C
IR= 150µA
I
R
= 1mA
Voltage Impedance
1000
800
600
400
200
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
I
R
= 200µA
TJ = 25°C
LM4041-1.2
LM4041-ADJ: V
OUT
= V
REF
Reverse Characteristics and
Minimum Operating Current
REVERSE VOLTAGE (V)
100
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
Typical
T
J
= 25
°C
LM4041-1.2
Reverse Characteristics and
Minimum Operating Current
REVERSE VOLTAGE (V)
100
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
Typical
T
J
= 25
°C
LM4041-1.2
RS 30k
VIN
1Hz rate
LM4041-1.2
V
R
Test Circuit
Note 1.
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits. For guaranteed specification and test conditions, see the Electrical
Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when
the device is not operated under the listed test conditions.
Note 2.
The maximum power dissipation must be derated at elevated temperatures and is dictated by T
JMAX (maximum junction temperature), θJA
(junction to ambient thermal resistance), and T
A (ambient temperature). The maximum allowable power dissipation at any temperature is
PD
MAX = (TJMAX – TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4040 and LM4041,
T
JMAX = 125°C, and the typical thermal resistance (θJA), when board mounted, is 326°C/W for the SOT-23 package.
Note 3.
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
Note 4.
Typicals are at T
J = 25°C and represent most likely parametric norm.
Note 5.
Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQL)
methods.
Note 6.
The boldface (over temperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown
Voltage Tolerance
±[(∆V
R/∆T)(65°C)(VR)]. ∆VR/∆T is the VR temperature coefficient, 65°C is the temperature range from –40°C to the
reference point of 25
°C, and V
R is the reverse breakdown voltage. The total over temperature tolerance for the different grades follows:
A-grade:
±0.75% = ±0.1% ±100ppm/°C × 65°C
B-grade:
±0.85% = ±0.2% ±100ppm/°C × 65°C
C-grade:
±1.15% = ±0.5% ±100ppm/°C × 65°C
D-grade:
±1.98% = ±1.0% ±150ppm/°C × 65°C
Example: The A-grade LM4040-2.5 has an over temperature Reverse Breakdown Voltage tolerance of
±2.5 × 0.75% = ±19mV.
Note 7.
When V
OUT ≤ 1.6V, the LM4041-ADJ must operate at reduced IR. This is caused by the series resistance of the die attach between the die (–)
output and the package (–) output pin. See the Output Saturation curve in the Typical Performance Characteristics section.
Note 8.
Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves.
LM4040 and LM4041 Electrical Characteristic Notes
LM4041 Typical Characteristics


Similar Part No. - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040 NSC-LM4040 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
LM4040 TI-LM4040 Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
More results

Similar Description - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com