Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4220CZ6 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IP4220CZ6
Description  Dual USB 2.0 integrated ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4220CZ6 Datasheet(HTML) 3 Page - NXP Semiconductors

  IP4220CZ6_15 Datasheet HTML 1Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 2Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 3Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 4Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 5Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 6Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 7Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 8Page - NXP Semiconductors IP4220CZ6_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IP4220CZ6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 8 July 2011
3 of 9
NXP Semiconductors
IP4220CZ6
Dual USB 2.0 integrated ESD protection
7.
Characteristics
[1]
Pins 1, 3, 4 and 6.
[2]
Pins 1, 3, 4 and 6 to ground.
[3]
Pin 5 to pin 2.
8.
Application information
8.1 Universal serial bus 2.0 protection
The device is optimized to protect, for example, two USB 2.0 ports from ESD. Each device
can protect both USB data lines and the VBUS supply line. A typical application is shown in
Figure 1.
Table 6.
Characteristics
Tamb =25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C(I/O-GND) input/output to
ground capacitance
VI =0 V; f =1 MHz;
VP =3V
[1] -1.0
-
pF
C(zd-GND)
Zener diode to
ground capacitance
VI =0 V; f =1 MHz;
VP =3V
[3] -40
-
pF
IRM
reverse leakage current
VI =3 V
[2] -
-
100
nA
VBRzd
Zener diode breakdown
voltage
I=1mA
[3] 6-
9
V
VF
forward voltage
-
0.7
-
V
Fig 1.
Typical application of IP4220CZ6
018aaa143
4
USB 2.0
IEEE1394
CONTROLLER
5
6
3
2
1
VBUS
D+
D–
GND
VBUS
D+
D–
GND
IP4220CZ6


Similar Part No. - IP4220CZ6_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
   Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
More results

Similar Description - IP4220CZ6_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4220CZ6 NEXPERIA-IP4220CZ6 Datasheet
905Kb / 9P
   Dual USB 2.0 integrated ESD protection
Rev. 5 - 8 July 2011
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
   Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Unisonic Technologies
PUSB220 UTC-PUSB220_15 Datasheet
198Kb / 6P
   DUAL USB 2.0 INTEGRATED ESD PROTECTION
logo
Nexperia B.V. All right...
IP4223CZ6 NEXPERIA-IP4223CZ6 Datasheet
222Kb / 10P
   Dual USB 2.0 integrated ESD protection
Rev. 1 - 17 October 2011
logo
Unisonic Technologies
PUSB220 UTC-PUSB220 Datasheet
198Kb / 6P
   DUAL USB 2.0 INTEGRATED ESD PROTECTION
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
   Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
   High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
Nexperia B.V. All right...
IP4059CX5 NEXPERIA-IP4059CX5 Datasheet
329Kb / 10P
   Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1 - 15 September 2011
logo
NXP Semiconductors
IP4059CX5 NXP-IP4059CX5 Datasheet
97Kb / 9P
   Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1-15 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com