Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2380WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2380WG
Description  1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2380WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2380WG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-2380WG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-2380WG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-2380WG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-2380WG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-2380WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
1
SPS-2380WG / SPS-2380BWG / SPS-2380AWG
(RoHS Compliant)
10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP+ LC SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Support 9.95 Gbps to 10.5 Gbps
l Complaint with SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-ZR/ZW
l SFF-8472 Digital Diagnostic Function
l Temperature-stabilized 1550 nm EML Transmitter
l Distance up to 80 km at SM Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l Low Power Consumption
l RoHS 6/6 Compliant
l 0 to 70oC Operating: SPS-2380WG
l -5 to 85oC Operating: SPS-2380BWG
l -40 to 85oC Operating: SPS-2380AWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10GBASE-ZR/ZW
l OC-192 / STM-64 LR2
l 80 km 10G Fibre Channel
DESCRIPTION
The SPS-2380WG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as IEEE 802.3ae
10GBASE-ZR/ZW and 10G Fibre Channel. It is with the
SFP+ 20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1550 nm. The transmitter section uses a
temperature-stabilized 1550 nm electrical-modulated laser
(EML) and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs avalanche photo detector
preamplifier mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10GBASE
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-2380WG
10.3
ZR / ZW
80
1550 EML
SFP+ with DMI
0 to 70
Yes
SPS-2380BWG
10.3
ZR / ZW
80
1550 EML
SFP+ with DMI
-5 to 85
Yes
SPS-2380AWG
10.3
ZR / ZW
80
1550 EML
SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Relative Humidity
RH
5
85
%
Non-condensing
0
70
SPS-2380WG
-5
85
SPS-2380BWG
Operating Case Temperature
Topr
-40
85
oC
SPS-2380AWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Receiver Input Optical Power
Mip
-4
dBm
Average power
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.135
3.3
3.465
V
0
70
oC / SPS-2380WG
-5
85
oC / SPS-2380BWG
Operating Case Temperature
Topr
-40
85
oC / SPS-2380AWG
Relative Humidity
RH
5
85
%
Non-condensing
330
500
mA / SPS-2380WG
Power Supply Current
ICC (TX+RX)
350
650
mA / SPS-2380A(B)WG
Data Rate
9.95 / 10.3
10.5
Gb/s


Similar Part No. - SPS-2380WG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2380WG OPTOWAY-SPS-2380WG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380WG OPTOWAY-SPS-2380WG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380WG OPTOWAY-SPS-2380WG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2380WG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340WG OPTOWAY-SPS-2340WG_15 Datasheet
192Kb / 5P
   1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100WG OPTOWAY-SPS-23100WG_15 Datasheet
192Kb / 5P
   1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MWG OPTOWAY-SPS-9340MWG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG Datasheet
151Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93160MWG OPTOWAY-SPS-93160MWG Datasheet
149Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MWG OPTOWAY-SPS-93100MWG Datasheet
151Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MWG OPTOWAY-SPS-9340MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com