Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV800BTI-90 Datasheet(PDF) 1 Page - Macronix International

Part # MX29LV800BTI-90
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV800BTI-90 Datasheet(HTML) 1 Page - Macronix International

  MX29LV800BTI-90 Datasheet HTML 1Page - Macronix International MX29LV800BTI-90 Datasheet HTML 2Page - Macronix International MX29LV800BTI-90 Datasheet HTML 3Page - Macronix International MX29LV800BTI-90 Datasheet HTML 4Page - Macronix International MX29LV800BTI-90 Datasheet HTML 5Page - Macronix International MX29LV800BTI-90 Datasheet HTML 6Page - Macronix International MX29LV800BTI-90 Datasheet HTML 7Page - Macronix International MX29LV800BTI-90 Datasheet HTML 8Page - Macronix International MX29LV800BTI-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1
P/N:PM0709
REV. 1.3, JAN. 24, 2002
MX29LV800T/B
8M-BIT[1Mx8/512Kx16]CMOSSINGLEVOLTAGE
3VONLYFLASHMEMORY
PRELIMINARY
• Status Reply
- Data polling & Toggle bit for detection of program and
erase operation completion.
• Ready/Busy pin (RY/BY)
- Provides a hardware method of detecting program or
erase operation completion.
• Sector protection
- Hardware method to disable any combination of
sectors from program or erase operations
- Tempoary sector unprotect allows code changes in
previously locked sectors.
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Low VCC write inhibit is equal to or less than 2.3V
• Package type:
- 44-pin SOP
- 48-pin TSOP
- 48-pin CSP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
FEATURES
• Extended single - supply voltage range 2.7V to 3.6V
• 1,048,576 x 8/524,288 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fast access time: 70/90ns
• Low power consumption
- 20mA maximum active current
- 0.2uA typical standby current
• Command register architecture
- Byte/word Programming (9us/11us typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x15)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase Suspend capability.
- Automatically program and verify data at specified
address
• Erase suspend/Erase Resume
- Suspends sector erase operation to read data from,
or program data to, any sector that is not being erased,
then resumes the erase.
GENERAL DESCRIPTION
The MX29LV800T/B is a 8-mega bit Flash memory or-
ganized as 1M bytes of 8 bits or 512K words of 16 bits.
MXIC's Flash memories offer the most cost-effective
and reliable read/write non-volatile random access
memory. The MX29LV800T/B is packaged in 44-pin
SOP, 48-pin TSOP, and 48-ball CSP. It is designed to be
reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX29LV800T/B offers access time as fast
as 70ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention,
the MX29LV800T/B has separate chip enable (CE) and
output enable (OE) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29LV800T/B uses a command register to manage
this functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining maxi-
mum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and program operations produces reliable cy-
cling. The MX29LV800T/B uses a 2.7V~3.6V VCC sup-
ply to perform the High Reliability Erase and auto Pro-
gram/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.


Similar Part No. - MX29LV800BTI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BTMC-70 MCNIX-MX29LV800BTMC-70 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BTMC-90 MCNIX-MX29LV800BTMC-90 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BTMI-70 MCNIX-MX29LV800BTMI-70 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BTMI-90 MCNIX-MX29LV800BTMI-90 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV800BTI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com