Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC1832N Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC1832N
Description  關P Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1832N Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC1832N Datasheet HTML 1Page - Micrel Semiconductor MIC1832N Datasheet HTML 2Page - Micrel Semiconductor MIC1832N Datasheet HTML 3Page - Micrel Semiconductor MIC1832N Datasheet HTML 4Page - Micrel Semiconductor MIC1832N Datasheet HTML 5Page - Micrel Semiconductor MIC1832N Datasheet HTML 6Page - Micrel Semiconductor MIC1832N Datasheet HTML 7Page - Micrel Semiconductor MIC1832N Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Power Monitor
The RST and RST pins are asserted whenever VCC
falls below the reset threshold voltage as determined by
the TOL pin. A 5% tolerance level (2.88V reset
threshold voltage) can be selected by connecting the
TOL pin to ground and a 10% tolerance (2.55V reset
threshold voltage) can be selected by connecting the
TOL pin to VCC. The reset pins will remain asserted for
a period of 250ms after VCC has risen above the reset
threshold voltage. The reset function ensures the
microprocessor is properly reset and powers up into a
known condition after a power failure. RST will remain
valid with VCC as low as 1.4V.
Watchdog Timer
The microprocessor can be monitored by connecting
the ST pin (watchdog input) to a bus line or I/O line. If a
high-to-low transition doesn’t occur on the ST pin within
the watchdog timeout period (determined by TD pin, see
Table 1), the RST and RST pins will be asserted
resulting in a microprocessor reset. RST and RST will
remain asserted for at least 250ms when this occurs. A
minimum pulse of 75ns or any transition high-to-low on
the ST pin will reset the watchdog timer. The watchdog
timer will be reset if ST sees a valid transition within the
watchdog timeout period.
Pushbutton Reset Input
The PBRST input can be driven with a manual
pushbutton switch or with external logic signals. The
input is internally debounced and requires an active low
signal to force the reset outputs into their active states.
The PBRST input will recognize any pulse that is 20ms
in duration or greater and will ignore all pulses that are
less than 1ms in duration.
Figure 1. Power-Up/Power-Down Sequence
Circuit Description
8++
456
456
J427
8++62
J42,
8++62
Figure 3. Pushbutton Reset
Figure 2. Watchdog Input
RST
RST
tRST
tPDLY
PBRST
tPB
J6,
56
J56
Note: The maximum time between high-to-low transitions (tTD) on the
watchdog input (ST) is determined by the voltage applied to the
TD pin. If the watchdog input sees a high-to-low transition prior to
the timeout period, the watchdog timer will be reset.
MIC1832
µP Supervisory Circuit


Similar Part No. - MIC1832N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1832N MICREL-MIC1832N Datasheet
149Kb / 7P
   關P Supervisory Circuit
MIC1832NY MICREL-MIC1832NY Datasheet
149Kb / 7P
   關P Supervisory Circuit
More results

Similar Description - MIC1832N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
   關P Supervisory Circuit
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
   關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
   關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
   關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
   關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
   關P Supervisory Circuit
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
   關P SUPERVISORY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com