Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2012 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2012
Description  USB Power Controller Advance Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2012 Datasheet HTML 2Page - Micrel Semiconductor MIC2012 Datasheet HTML 3Page - Micrel Semiconductor MIC2012 Datasheet HTML 4Page - Micrel Semiconductor MIC2012 Datasheet HTML 5Page - Micrel Semiconductor MIC2012 Datasheet HTML 6Page - Micrel Semiconductor MIC2012 Datasheet HTML 7Page - Micrel Semiconductor MIC2012 Datasheet HTML 8Page - Micrel Semiconductor MIC2012 Datasheet HTML 9Page - Micrel Semiconductor MIC2012 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC2012
Micrel
MIC2012/2072
10
September 2000
Package Information
45
°
0.2284 (5.801)
0.2240 (5.690)
SEATING
PLANE
0.009 (0.2286)
REF
0.012 (0.30)
0.008 (0.20)
0.157 (3.99)
0.150 (3.81)
0.050 (1.27)
0.016 (0.40)
0.0688 (1.748)
0.0532 (1.351)
0.196 (4.98)
0.189 (4.80)
0.025 (0.635)
BSC
PIN 1
DIMENSIONS:
INCHES (MM)
0.0098 (0.249)
0.0040 (0.102)
0.0098 (0.249)
0.0075 (0.190)
8
°
0
°
16-Pin QSOP (QS)
45
°
0
°–8°
0.244 (6.20)
0.228 (5.79)
0.197 (5.0)
0.189 (4.8)
SEATING
PLANE
0.026 (0.65)
MAX)
0.010 (0.25)
0.007 (0.18)
0.064 (1.63)
0.045 (1.14)
0.0098 (0.249)
0.0040 (0.102)
0.020 (0.51)
0.013 (0.33)
0.157 (3.99)
0.150 (3.81)
0.050 (1.27)
TYP
PIN 1
DIMENSIONS:
INCHES (MM)
0.050 (1.27)
0.016 (0.40)
8-Pin SOIC (M)
MICREL INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 2000 Micrel Incorporated


Similar Part No. - MIC2012

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2012-1PCQS MICREL-MIC2012-1PCQS Datasheet
695Kb / 16P
   USB Power Controller
MIC2012-1PCQS MICREL-MIC2012-1PCQS Datasheet
695Kb / 16P
   USB Power Controller
MIC2012-1PZQS MICREL-MIC2012-1PZQS Datasheet
695Kb / 16P
   USB Power Controller
MIC2012-1PZQS MICREL-MIC2012-1PZQS Datasheet
695Kb / 16P
   USB Power Controller
MIC2012-2PCQS MICREL-MIC2012-2PCQS Datasheet
695Kb / 16P
   USB Power Controller
More results

Similar Description - MIC2012

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
   Single-Channel USB Power Controller Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com