Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F022T-90 Datasheet(PDF) 5 Page - Macronix International

Part # 29F022T-90
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F022T-90 Datasheet(HTML) 5 Page - Macronix International

  29F022T-90 Datasheet HTML 1Page - Macronix International 29F022T-90 Datasheet HTML 2Page - Macronix International 29F022T-90 Datasheet HTML 3Page - Macronix International 29F022T-90 Datasheet HTML 4Page - Macronix International 29F022T-90 Datasheet HTML 5Page - Macronix International 29F022T-90 Datasheet HTML 6Page - Macronix International 29F022T-90 Datasheet HTML 7Page - Macronix International 29F022T-90 Datasheet HTML 8Page - Macronix International 29F022T-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
P/N:PM0556
REV. 1.3, NOV. 11, 2002
MX29F022/022NT/B
First Bus
Second Bus Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Addr
Data Addr
Data
Addr
Data Addr
Data Addr
Data Addr Data
Reset
1
XXXH F0H
Read
1
RA
RD
Read Silicon ID
4
555H
AAH 2AAH 55H
555H 90H
ADI
DDI
Chip Protect Verify
4
555H
AAH 2AAH 55H
555H 90H
(SA)
00H
X02H
01H
Program
4
555H
AAH 2AAH 55H
555H A0H
PA
PD
Chip Erase
6
555H
AAH 2AAH 55H
555H 80H
555H
AAH 2AAH 55H 555H 10H
Sector Erase
6
555H
AAH 2AAH 55H
555H 80H
555H
AAH 2AAH 55H SA
30H
Sector Erase Suspend
1
XXXH B0H
Sector Erase Resume
1
XXXH 30H
Unlock for chip
6
555H
AAH 2AAH 55H
555H 80H
555H
AAH 2AAH 55H 555H 20H
protect/unprotect
Note:
1. ADI = Address of Device identifier; A1=0,A0 =0 for manufacture code,A1=0, A0 =1 for device code (Refer to Table
3).
DDI = Data of Device identifier : C2H for manufacture code, 36H/37H for device code.
X = X can be VIL or VIH
RA=Address of memory location to be read.
RD=Data to be read at location RA.
2. PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address to the sector to be erased.
3. The system should generate the following address patterns: 555H or 2AAH to Address A0~A10.
Address bit A11~A17=X=Don't care for all address commands except for Program Address (PA) and Sector
Address (SA). Write Sequence may be initiated with A11~A17 in either state.
4. For Chip Protect Verify operation: If read out data is 01H, it means the chip has been protected. If read out data is
00H, it means the chip is still not being protected.
TABLE 1. SOFTWARE COMMAND DEFINITIONS


Similar Part No. - 29F022T-90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
29F020 AMD-29F020 Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - 29F022T-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com