Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2026-1BM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2026-1BM
Description  Dual-Channel Power Distribution Switch Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026-1BM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2026-1BM Datasheet HTML 1Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 2Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 3Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2026-1BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
March 2000
3
MIC2026/2076
MIC2026/2076
Micrel
Electrical Characteristics
V
IN = +5V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
MIC20x6-1, V
ENA = VENB ≤ 0.8V
0.75
5
µA
(switch off), OUT = open
MIC20x6-2, V
ENA = VENB ≥ 2.4V
0.75
5
µA
(switch off), OUT = open
MIC20x6-1, V
ENA = VENB ≥ 2.4V
100
160
µA
(switch on), OUT = open
MIC20x6-2, V
ENA = VENB ≤ 0.8V
100
160
µA
(switch on), OUT = open
V
EN
Enable Input Threshold
low-to-high transition
1.7
2.4
V
high-to-low transition
0.8
1.45
V
Enable Input Hysteresis
250
mV
I
EN
Enable Input Current
V
EN = 0V to 5.5V
–1
0.01
1
µA
Enable Input Capacitance
1
pF
R
DS(on)
Switch Resistance
V
IN = 5V, IOUT = 500mA
90
140
m
V
IN = 3.3V, IOUT = 500mA
100
160
m
Output Leakage Current
MIC20x6-1, V
ENx ≤ 0.8V;
10
µA
MIC20x6-1, V
ENx ≥ 2.4V, (output off)
OFF Current in
MIC2076
50
µA
Latched Thermal Shutdown
(during thermal shutdown state)
t
ON
Output Turn-On Delay
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
1.3
5
ms
t
R
Output Turn-On Rise Time
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
1.15
4.9
ms
t
OFF
Output Turnoff Delay
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
35
100
µs
t
F
Output Turnoff Fall Time
R
L = 10Ω, CL = 1µF, see “Timing Diagrams”
32
100
µs
I
LIMIT
Short-Circuit Output Current
V
OUT = 0V, enabled into short-circuit
0.5
0.9
1.25
A
Current-Limit Threshold
ramped load applied to output
1.0
1.25
A
Short-Circuit Response Time
V
OUT = 0V to IOUT = ILIMIT
20
µs
(short applied to output)
t
D
Overcurrent Flag Response
V
IN = 5V, apply VOUT = 0V until FLG low
1.5
3
7
ms
Delay
V
IN = 3.3V, apply VOUT = 0V until FLG low
TBD
3
ms
Undervoltage Lockout
V
IN rising
2.2
2.4
2.7
V
Threshold
V
IN falling
2.0
2.15
2.5
V
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ...................................... –0.3V to +6V
Fault Flag Voltage (V
FLG) .............................................. +6V
Fault Flag Current (I
FLG) ............................................ 25mA
Output Voltage (V
OUT) .................................................. +6V
Output Current (I
OUT) ............................... Internally Limited
Enable Input (I
EN) .................................... –0.3V to VIN + 3V
Storage Temperature (T
S) ...................... –65°C to +150 °C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
IN) ................................... +2.7V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature Range (T
J) ........... Internally Limited
Thermal Resistance
SOP (
θ
JA) .......................................................... 160°C/W
DIP(
θ
JA) ............................................................. 105°C/W


Similar Part No. - MIC2026-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-1BM MICREL-MIC2026-1BM Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
More results

Similar Description - MIC2026-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
logo
Dynex Semiconductor
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com