Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2027-2BWM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2027-2BWM
Description  Quad USB Power Distribution Switch Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2027-2BWM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2027-2BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 9Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 10Page - Micrel Semiconductor MIC2027-2BWM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
June 2000
7
MIC2027/2077
MIC2027/2077
Micrel
0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
V
IN = 5V
V
EN RISING
V
EN FALLING
0
1
2
3
4
5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Flag Delay
vs. Temperature
V
IN = 3.3V
V
IN = 5V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Off Current
vs. Temperature
5V
3.3V
0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
T
A = 25°C
V
EN FALLING
V
EN RISING
0
1
2
3
4
5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Flag Delay
vs. Input Voltage
+85
°C
+25
°C
-40
°C
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VOLTAGE (V)
Supply Off Current
vs. Input Voltage
+85
°C
+25
°C
-40
°C
0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
UVLO Threshold
vs. Temperature
V
IN RISING
V
IN FALLING


Similar Part No. - MIC2027-2BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2027-2BWM MICREL-MIC2027-2BWM Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
More results

Similar Description - MIC2027-2BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com