Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2171BU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2171BU
Description  100kHz 2.5A Switching Regulator Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171BU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2171BU Datasheet HTML 1Page - Micrel Semiconductor MIC2171BU Datasheet HTML 2Page - Micrel Semiconductor MIC2171BU Datasheet HTML 3Page - Micrel Semiconductor MIC2171BU Datasheet HTML 4Page - Micrel Semiconductor MIC2171BU Datasheet HTML 5Page - Micrel Semiconductor MIC2171BU Datasheet HTML 6Page - Micrel Semiconductor MIC2171BU Datasheet HTML 7Page - Micrel Semiconductor MIC2171BU Datasheet HTML 8Page - Micrel Semiconductor MIC2171BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1997
4-3
MIC2171
Micrel
4
Features
• 2.5A, 65V internal switch rating
• 3V to 40V input voltage range
• Current-mode operation, 2.5A peak
• Internal cycle-by-cycle current limit
• Thermal shutdown
• Twice the frequency of the LM2577
• Low external parts count
• Operates in most switching topologies
• 7mA quiescent current (operating)
• Fits LT1171/LM2577 TO-220 and TO-263 sockets
Applications
• Laptop/palmtop computers
• Battery operated equipment
• Hand-held instruments
• Off-line converter up to 50W
(requires external power switch)
• Predriver for higher power capability
General Description
The MIC2171 is a complete 100kHz SMPS current-mode
controller with an internal 65V 2.5A power switch.
Although primarily intended for voltage step-up applications,
the floating switch architecture of the MIC2171 makes it
practical for step-down, inverting, and Cuk configurations as
well as isolated topologies.
Operating from 3V to 40V, the MIC2171 draws only 7mA of
quiescent current, making it attractive for battery operated
supplies.
The MIC2171 is available in a 5-pin TO-220 or TO-263 for
–40
°C to +85°C operation.
MIC2171
100kHz 2.5A Switching Regulator
Preliminary Information
Typical Applications
C4
470µF
D2
1N5818
C1
47µF
C2
1µF
R3
1k
R4*
VOUT
5V, 0.5A
* Optional voltage clipper (may be req’d if T1 leakage inductance too high)
C3*
D1*
R1
3.74k
1%
R2
1.24k
1%
VIN
4V to 6V
T1
1:1.25
LPRI = 12µH
MIC2171
IN
SW
FB
GND
COMP
Figure 2.
MIC2171 5V Flyback Converter
+5V
(4.75V min.)
D1
1N5822
MIC2171
IN
SW
FB
C1*
47µF
R3
1k
C3
1µF
R1
10.7k
1%
C2
470µF
VOUT
+12V, 0.25A
L1
15µH
* Locate near MIC2171 when supply leads > 2
"
R2
1.24k
1%
GND
COMP
Figure 1.
MIC2171 5V to 12V Boost Converter


Similar Part No. - MIC2171BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171BU MICREL-MIC2171BU Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
More results

Similar Description - MIC2171BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
   100kHz 1.25A Switching Regulators Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
   Single-Cell Switching Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
Linear Technology
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com