Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJA3449 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJA3449
Description  40V P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA3449 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJA3449 Datasheet HTML 1Page - Pan Jit International Inc. PJA3449 Datasheet HTML 2Page - Pan Jit International Inc. PJA3449 Datasheet HTML 3Page - Pan Jit International Inc. PJA3449 Datasheet HTML 4Page - Pan Jit International Inc. PJA3449 Datasheet HTML 5Page - Pan Jit International Inc. PJA3449 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJA3449
April 28,2015-REV.00
Page 1
40V P-Channel Enhancement Mode MOSFET
Voltage
-40 V
Current
-2.2A
SOT-23
Unit: inch(mm)
Features
RDS(ON) , VGS@-10V, ID@-2.2A<160m
RDS(ON) , VGS@-4.5V, ID@-1.5A<230m
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc
Lead free in compliance with EU RoHS 2011/65/EU
directive
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case : SOT-23 Package
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight : 0.0003 ounces, 0.0084 grams
Marking : A49
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
+20
V
Continuous Drain Current
ID
-2.2
A
Pulsed Drain Current
(Note 4)
IDM
-8.8
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJA3449

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3449-AU PANJIT-PJA3449-AU Datasheet
305Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
April 01,2019-REV.00
PJA3449-AU_R1_000A1 PANJIT-PJA3449-AU_R1_000A1 Datasheet
305Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
April 01,2019-REV.00
More results

Similar Description - PJA3449

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com