Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJA3461 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJA3461
Description  60V P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA3461 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJA3461 Datasheet HTML 1Page - Pan Jit International Inc. PJA3461 Datasheet HTML 2Page - Pan Jit International Inc. PJA3461 Datasheet HTML 3Page - Pan Jit International Inc. PJA3461 Datasheet HTML 4Page - Pan Jit International Inc. PJA3461 Datasheet HTML 5Page - Pan Jit International Inc. PJA3461 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJA3461
August 3,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-60
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1.0
-1.88
-2.5
V
Drain-Source On-State Resistance
RDS(on)
VGS=-10V, ID=-1.9A
-
140
190
m
Ω
VGS=-4.5V, ID=-1.5A
-
190
240
Zero Gate Voltage Drain Current
IDSS
VDS=-60V, VGS=0V
-
-
-1
uA
Gate-Source Leakage Current
IGSS
VGS=+2
0V, V
DS=0V
-
-
+100
nA
Dynamic
(Note 7)
Total Gate Charge
Qg
VDS=-30V, ID=-1.9A,
VGS=-10V
(Note 1,2)
-
8.3
-
nC
Gate-Source Charge
Qgs
-
1.8
-
Gate-Drain Charge
Qgd
-
1.6
-
Input Capacitance
Ciss
VDS=-30V, VGS=0V,
f=1.0MHZ
-
430
-
pF
Output Capacitance
Coss
-
33
-
Reverse Transfer Capacitance
Crss
-
29
-
Turn-On Delay Time
td(on)
VDD=-30V, ID=-1.0A,
VGS=-10V,
RG=6Ω
(Note 1,2)
-
5.1
-
ns
Turn-On Rise Time
tr
-
20
-
Turn-Off Delay Time
td(off)
-
36
-
Turn-Off Fall Time
tf
-
11
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
-1.5
A
Diode Forward Voltage
VSD
IS=-1.0A, VGS=0V
-
-0.78
-1.0
V
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
The maximum current rating is package limited.
4.
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency
and duty cycles to keep initial TJ =25°C.
5.
The test condition is L=1mH, IAS=8A, VDD=25V, VGS=10V
6.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins. Mounted on a 1 inch
2 with 2oz.square pad of copper.
7.
Guaranteed by design, not subject to production testing.


Similar Part No. - PJA3461

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3461-AU PANJIT-PJA3461-AU Datasheet
411Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
June 21,2022
PJA3461-AU_R1_000A1 PANJIT-PJA3461-AU_R1_000A1 Datasheet
411Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
June 21,2022
More results

Similar Description - PJA3461

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com