Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2184BQS Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2184BQS
Description  Low Voltage Buck PWM Control IC Final Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2184BQS Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2184BQS Datasheet HTML 4Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 5Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 6Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 7Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 8Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 9Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 10Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 11Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
December 10, 2001
9
MIC2184
MIC2184
Micrel
The MIC2184 controller is broken down into 7 functions.
• Control loop
• PWM operation
• Current mode control
• Current limit
• Reference, enable and UVLO
• FreqOut
• MOSFET gate drive
• Oscillator and Sync
• Soft-start
Control Loop
PWM Control Loop
The MIC2184 uses current mode control to regulate the
output voltage. This dual control loop method (illustrated in
Figure 2) senses the output voltage (outer loop) and the
inductor current (inner loop). It uses inductor current and
output voltage to determine the duty cycle of the buck
converter. Sampling the inductor current effectively removes
the inductor from the control loop, which simplifies compen-
sation.
Switching
Converter
Voltage
Divider
VREF
VERROR
VERROR
tON
tPER
D = tON/tPER
IINDUCTOR
IINDUCTOR
Switch
Driver
VOUT
VIN
Figure 2. Current Mode Control Example
As shown in Figure 1, the inductor current is sensed by
measuring the voltage across the resistor, R
SENSE. A ramp is
added to the amplified current sense signal to provide slope
compensation, which is required to prevent unstable opera-
tion at duty cycles greater than 50%.
A transconductance amplifier is used for the error amplifier,
which compares an attenuated sample of the output voltage
with a reference voltage. The output of the error amplifier is
the compensation pin (Comp), which is compared to the
current sense waveform in the PWM block. When the current
signal becomes greater than the error signal, the comparator
turns off the high side drive. The COMP pin provides access
to the output of the error amplifier and allows the use of
external components to stabilize the voltage loop.
Current Limit
The output current is detected by the voltage drop across the
external current sense resistor (R
SENSE in Figure 1.). The
current sense resistor must be sized using the minimum
current limit threshold. The external components must be
designed to withstand the maximum current limit. The current
sense resistor value is calculated by the equation below:
R
MIN CURRENT
SENSE THRESHOLD
I
SENSE
OUT
MAX
=
__
_
_
The maximum output current is:
I
MAX
CURRENT
SENSE THRESHOLD
R
OUT MAX
SENSE
_
__
_
=
The current sense pins CSH (pin 9) and CSL (pin 8) are noise
sensitive due to the low signal level and high input imped-
ance. The PCB traces should be short and routed close to
each other. A small (1nF) capacitor across the pins will
attenuate high frequency switching noise.
When the peak inductor current exceeds the current limit
threshold, the overcurrent comparator turns off the high side
MOSFET for the remainder of the switching cycle, effectively
decreasing the duty cycle. The output voltage drops as
additional load current is pulled from the converter. When the
voltage at the feedback pin (FB) reaches approximately 0.3V,
the circuit enters frequency foldback mode and the oscillator
frequency will drop to 1/4 of the switching frequency. This
limits the maximum output power delivered to the load under
a short circuit condition.
Reference, Enable and UVLO Circuits
The output drivers are enabled when the following conditions
are satisfied:
• The V
DD voltage (pin 10) is greater than its
undervoltage threshold.
• The voltage on the enable pin (pin 7) is greater
than the enable UVLO threshold.
The enable pin (pin 7) has two threshold levels, allowing the
MIC2184 to shut down in a low current mode, or turn off output
switching in standby mode. An enable pin voltage lower than
the shutdown threshold turns off all the internal circuitry and
places the MIC2184 in a micropower shutdown mode.
If the enable pin voltage is between the shutdown and
standby thresholds, the internal bias, V
DD and reference
voltages are turned on. The soft start pin is forced low by an
internal discharge MOSFET. The output drivers are inhibited
from switching. The OUTP pin is in a high state and the OUTN
pin remains in a low state. Raising the enable voltage above
the standby threshold allows the soft start capacitor to charge
and enables the output drivers. The standby threshold is
specified in the electrical characteristics. A resistor divider
can be used with the enable pin to prevent the power supply
from turning on until a specified input voltage is reached. The
circuit in Figure 3 shows how to connect the resistors.


Similar Part No. - MIC2184BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2184BQS MICREL-MIC2184BQS Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results

Similar Description - MIC2184BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com