Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2505BN Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2505BN
Description  Single 2A / Dual 1A / High-Side Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2505BN Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2505BN Datasheet HTML 4Page - Micrel Semiconductor MIC2505BN Datasheet HTML 5Page - Micrel Semiconductor MIC2505BN Datasheet HTML 6Page - Micrel Semiconductor MIC2505BN Datasheet HTML 7Page - Micrel Semiconductor MIC2505BN Datasheet HTML 8Page - Micrel Semiconductor MIC2505BN Datasheet HTML 9Page - Micrel Semiconductor MIC2505BN Datasheet HTML 10Page - Micrel Semiconductor MIC2505BN Datasheet HTML 11Page - Micrel Semiconductor MIC2505BN Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
April 1998
9
MIC2505/2506
MIC2505/2506
Micrel
Applications Information
Supply Filtering
A 0.1
µF to 1µF bypass capacitor from IN to GND, located at
the device is strongly recommended to control supply tran-
sients. Without a bypass capacitor, an output short may
cause sufficient ringing on the input (from supply lead induc-
tance) to destroy the internal control circuitry.
Input transients must not exceed the absolute maximum
supply voltage (VIN max = 7.5V) even for a short duration.
ON
OFF
MIC2505BM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
18
27
36
45
0.1µF to 1µF
2.7V to 7.5V
Figure 1. Supply Bypassing
The bypass capacitor may be omitted only if board design
precautions are followed, such as using extremely short
supply leads or power and ground planes.
Control Input
CTL must be driven logic high or logic low, or be pulled high
or low for a clearly defined input. Floating the input may cause
unpredictable operation. Add a diode clamp if negative spikes
may occur. See Figure 2.
Open-Load Detection
Refer to “Typical Applications” (first page). Open-load detec-
tion is available only on the MIC2505 and MIC2506. For USB
power distribution applications, the open-load detection fea-
ture is not included in the MIC2505-1 or -2 versions.
The optional open-load detection resistor supplies a small
pull-up current to the load when the output switch is off. (A
100k resistor will draw 50
µA from a 5V supply.) Normally, the
load dominates, pulling OUT low. If the load is absent, the
optional resistor pulls OUT high, activating the fault flag if CTL
is off.
When a load is switched off with CTL, capacitance on the
output may cause the open-load function to pull the flag low
until the capacitor is discharged below approximately 2.4V.
Omit the pull-up resistor when open load detection is not
required and for minimum off-state supply current.
Power Bus Switch
The MIC2505/6 family features a MOSFET reverse current
flow prevention circuit. This prevents current from flowing
backwards (from OUT to IN) when CTL is disabled as long as
V
IN is above UVLO minimum. In Figure 2, when U1 is on and
U2 is off, this feature prevents current flow from the load (5V)
backward through U2 to the 3.3V supply.
(If a discrete
MOSFET and driver were used, the MOSFET’s internal body
diode would short the 5V load to the 3.3V supply.)
FLG will be active (low) on any switch that is off whenever the
load voltage is greater than the open load threshold (approxi-
mately 1V) except for MIC2505-1 and MIC2505-2.
Logic-High = 5V Output
Logic-Low = 3.3V Output
U1
MIC2505BM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
+5V
18
27
36
45
0.1µF
U2
MIC2505BM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
18
27
36
45
+3.3V
0.1µF
1N4148
(optional)
Figure 2. 5V/3.3V Switch Concept
This circuit’s function would otherwise require a dual driver,
two MOSFETs, plus two diodes (or a dual driver plus four
MOSFETs).
Hot Plug-In Applications (Soft-Start)
The MIC2505/6 family can be used to protect the socket-side
and card-side of a supply circuit from transients caused when
a capacitive load is connected to an active supply.
The switch presents a high impedance when off, and slowly
becomes a low impedance as it turns on. This reduces the
inrush current and related voltage drop that result from
charging a capacitive load.
MIC2505BM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
18
27
36
45
0.1µF
Capacitive
Load
3.3V
Power Control
Circuitry
GND
Card
Socket
Figure 3. Hot Plug-In Concept
A gate capacitor may be added to the MIC2505 to slow the
turn on time even more, reducing the inrush current. See
“MIC2505 Turn-On Delay” graph. The UVLO feature insures
that each time the card is removed and V
IN = 0 that the gate
of the output switch is discharged to zero volts. A controlled
turn-on is executed each time a board is plugged in, even with
multiple insertions.


Similar Part No. - MIC2505BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505BN MICREL-MIC2505BN Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
More results

Similar Description - MIC2505BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com