Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRT30040R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRT30040R
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRT30040R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRT30040R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRT30040R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRT30040R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 300 A
Features
• High Surge Capability
Three Tower Package
• Isolation Type Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
MBRT30020(R) MBRT30030(R)
Unit
Repetitive peak reverse voltage
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
DC blocking voltage
VDC
20
30
V
• Types from 20 V to 40 V VRRM
Conditions
40
28
40
35
MBRT30020 thru MBRT30040R
MBRT30040(R)
35
25
MBRT30035(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBRT30020(R) MBRT30030(R)
Unit
Average forward current (per
pkg)
IF(AV)
300
300
A
Maximum instantaneous
forward voltage (per leg)
0.70
0.70
11
10
10
30
30
Thermal characteristics
Thermal resistance, junction-
case (per leg)
R
ΘJC
0.40
0.40
°C/W
TC = 125 °C
300
300
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
2000
2000
2000
2000
V
-55 to 150
-55 to 150
40
35
A
0.40
0.70
0.70
30
Tj = 100 °C
10
10
Tj = 25 °C
IFM = 150 A, Tj = 25 °C
Conditions
-55 to 150
-55 to 150
MBRT30040(R)
11
MBRT30035(R)
mA
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
30
0.40
Tj = 150 °C
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRT30040R

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBRT30040R AMERICASEMI-MBRT30040R Datasheet
636Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRT30040R GENESIC-MBRT30040R Datasheet
794Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBRT30040R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com