Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3772 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N3772
Description  SILICON NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3772 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N3772_15 Datasheet HTML 1Page - Unisonic Technologies 2N3772_15 Datasheet HTML 2Page - Unisonic Technologies 2N3772_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3772
SILICON NPN TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R205-002,Ba
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector-Emitter Voltage
VCEV
80
V
Collector Current
IC
30
A
Collector Peak Current (Note 1)
ICM
30
A
Base Current
IB
5
A
Base Peak Current (Note 1)
IBM
15
A
Power Dissipation (TA=25℃)
PD
150
W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~ +150
Note 1. Pulse Test: PW<=300μs, Duty Cycle<=2%
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage
VCEX(SUS) IC=0.2A,VBE(OFF)=1.5V,RBE=100Ω
80
V
Collector-Emitter Sustaining Voltage
VCER(SUS) IC=0.2A, RBE=100Ω
70
V
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=0.2A, IB=0
60
V
Collector Cut-off Current
ICEO
VCE=50V,IB=0
10
mA
Collector Cut-off Current
ICEX
VCE=100V, VBE(OFF)=1.5V.
5
mA
VCE=30V, VBE(OFF)=1.5V, TA=150℃
10
Collector Cut-off Current
ICBO
VCE=50V, IE=0
5
mA
Emitter Cut-off Current
IEBO
VBE=7V, IC=0
5
mA
ON CHARACTERISTICS
DC Current Gain (Note)
hFE
IC=10A,VCE=4V
15
60
IC=20A, VCE=4V
5
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10A, IB=1.5A
1.4
V
IC=20A, IB=4A
4.0
Base-Emitter On Voltage
VBE(ON) IC=10A, VCE=4V
2.2
V
SECOND BREAKDOWN
Second Breakdown Collector with Base
Forward Biased
IS/b
VCE=60V, T=1.0s, Non-repetitive
2.5
A
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
fT
IC=1A, VCE=4V, f=50kHz
0.2
MHz
Small-Signal Current Gain
hFE
IC=1A, VCE=4V, f=1kHz
40
Note: Pulse Test: PW<=300μs, Duty Cycle<=2%


Similar Part No. - 2N3772_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3772 UTC-2N3772_12 Datasheet
152Kb / 3P
   SILICON NPN TRANSISTORS
logo
Inchange Semiconductor ...
2N3772 ISC-2N3772_17 Datasheet
220Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2N3772_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com