Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773L-T30-Y Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N3773L-T30-Y
Description  COMPLEMENTARY SILICON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3773L-T30-Y Datasheet(HTML) 2 Page - Unisonic Technologies

  2N3773L-T30-Y Datasheet HTML 1Page - Unisonic Technologies 2N3773L-T30-Y Datasheet HTML 2Page - Unisonic Technologies 2N3773L-T30-Y Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3773
POWER TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R205-001.D
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
7
V
Collector-Emitter Voltage
VCEX
160
V
Power Dissipation
TC=25°C
PC
150
W
Dertate Above 25°C
0.855
W/°C
Collector Current
Continuous
IC
16
A
Peak
30
A
Base Current
Continuous
IB
4
A
Peak
15
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse Test: PW<=5ms, Duty Cycle<=10%
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
1.17
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=0.2A, IB=0
160
V
Collector-Emitter Sustaining Voltage
BVCEX
IC=0.1A,VBE(OFF)=1.5V, RBE=100Ω
160
V
Collector-Emitter Sustaining Voltage
BVCER
IC=0.1A, RBE=100Ω
150
V
Collector Cut-off Current
ICBO
VCB=140V, IE=0
2
mA
Emitter Cut-off Current
IEBO
VBE=7V, IC=0
5
mA
Collector Cut-off Current
ICEX
VCE=140V,VBE(OFF)=1.5V
2
mA
VCE=140V,VBE(OFF)=1.5V,TC=150°C
10
mA
ON CHARACTERISTICS
DC Current Gain (Note)
hFE1
VCE=4V, IC=8A
15
60
hFE2
VCE=4V, IC=16A
5
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=8A, IB=800mA
1.4
V
IC=16A, IB=3.2A
4
V
Base-Emitter Saturation Voltage
VBE(ON)
IC=8A, VCE=4V
2.2
V
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
hFE
IC=1A, VCE=4V, f=1kHz
40
Magnitade Of Commom-Emitter
Small Signal, Short Circuit Forward
Current Transfer Ratio
|hFE|
IC=1A, f=50kHz
4
Second Breakdown Collector With
Base Forward Biased
IS/b
t=1s(non-repetive), VCE=100V
1.5
A
Note: Pulse Test: PW<=300s, Duty Cycle<=2%


Similar Part No. - 2N3773L-T30-Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3773L-T30-Y UTC-2N3773L-T30-Y Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - 2N3773L-T30-Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
   Silicon Complementary Transistors
logo
Unisonic Technologies
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
CMPT4401 CENTRAL-CMPT4401 Datasheet
99Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904 Datasheet
100Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com