Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2529 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2529
Description  Single-Channel USB Power Controller Advance Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2529 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2529 Datasheet HTML 1Page - Micrel Semiconductor MIC2529 Datasheet HTML 2Page - Micrel Semiconductor MIC2529 Datasheet HTML 3Page - Micrel Semiconductor MIC2529 Datasheet HTML 4Page - Micrel Semiconductor MIC2529 Datasheet HTML 5Page - Micrel Semiconductor MIC2529 Datasheet HTML 6Page - Micrel Semiconductor MIC2529 Datasheet HTML 7Page - Micrel Semiconductor MIC2529 Datasheet HTML 8Page - Micrel Semiconductor MIC2529 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
June 1999
5
MIC2529
MIC2529
Micrel
0
10
20
30
40
50
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Fall Time
vs. Temperature
V
IN = 5V
0
1
2
3
012
345
SUPPLY VOLTAGE (V)
Threshold Trip Current
vs. Supply Voltage
T
A = 25°C
0
1
2
3
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Short Circuit Output Current
vs. Temperature
V
IN = 5V
1.5
2.0
2.5
3.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
UVLO Threshold Voltage
vs. Temperature
RISING
FALLING
1
10
100
1000
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
Regulator Dropout Voltage
vs. Output Current
0
50
100
150
200
250
300
350
400
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Regulator Dropout Voltage
vs. Temperature
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Switch Enable Threshold
vs. Supply Voltage
V
EN RISING
V
EN FALLING
T
A = 25°C
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Switch Enable Threshold
vs. Temperature
V
EN RISING
V
IN = 5V
V
EN FALLING
0
1
2
3
4
5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Rise Time
vs. Temperature
V
IN = 5V
Awaiting Further
Characterization
Data


Similar Part No. - MIC2529

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BN MICREL-MIC2524-1BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BWM MICREL-MIC2524-1BWM Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BN MICREL-MIC2524-2BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BWM MICREL-MIC2524-2BWM Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results

Similar Description - MIC2529

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com