Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1202G-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB1202G-X-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1202G-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB1202G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1202G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1202G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1202G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SB1202G-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB1202
PNP PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R217-005.E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
TO-126C
20
W
TO-251
28
W
Collector Power Dissipation
Tc=25
°C
TO-252
PD
28
W
DC
IC
-3
A
Collector Current
PULSE
ICP
-6
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-126C
6.25
TO-251
4.53
Junction to Case
TO-252
θJC
4.53
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
C-B Breakdown Voltage
BVCBO
IC=-10μA, IE=0
-60
V
C-E Breakdown Voltage
BVCEO
IC=-1mA, RBE=∞
-50
V
E-B Breakdown Voltage
BVEBO
IE=-10μA, IC=0
-6
V
Collector Cutoff Current
ICBO
VCB=-40V,IE=0
-1
μA
Emitter Cutoff Current
IEBO
VEB=-4V,IC=0
-1
μA
C-E Saturation Voltage
VCE(SAT)
IC=-2A, IB=-100mA
-0.35
-0.7
V
B-E Saturation Voltage
VBE(SAT)
IC=-2A, IB=-100mA
-0.94
-1.2
V
hFE1
VCE=-2V, Ic=-100mA
100
560
DC Current Gain
hFE2
VCE=-2V, Ic=-3A
35
Gain-Bandwidth Product
fT
VCE=-10V, IC=-50mA
150
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz
39
pF
Turn-on Time
tON
See test circuit
70
ns
Storage Time
tSTG
See test circuit
450
ns
Fall Time
tF
See test circuit
35
ns
CLASSIFICATION OF hFE1
RANK
R
S
T
U
RANGE
100-200
140-280
200-400
280-560


Similar Part No. - 2SB1202G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1202G-X-TN3-R UTC-2SB1202G-X-TN3-R Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results

Similar Description - 2SB1202G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com