Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2544 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2544
Description  Programmable Current Limit High-Side Switch Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2544 Datasheet HTML 4Page - Micrel Semiconductor MIC2544 Datasheet HTML 5Page - Micrel Semiconductor MIC2544 Datasheet HTML 6Page - Micrel Semiconductor MIC2544 Datasheet HTML 7Page - Micrel Semiconductor MIC2544 Datasheet HTML 8Page - Micrel Semiconductor MIC2544 Datasheet HTML 9Page - Micrel Semiconductor MIC2544 Datasheet HTML 10Page - Micrel Semiconductor MIC2544 Datasheet HTML 11Page - Micrel Semiconductor MIC2544 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC2544/2548
Micrel
MIC2544/2548
8
June 2000
Functional Characteristics
Turn-On Response
TIME (500
µs/div.)
MIC2544-1
V
IN = 5V
C
IN = 4.7µF
C
L = 1µF
R
L = 10Ω
Turnoff Response
TIME (1ms/div.)
MIC2544-1
V
IN = 5V
C
IN = 4.7µF
C
L = 1µF
R
L = 10Ω
Current-Limit Response
TIME (100ms/div.)
MIC2544-1
I
SET = 1A
Thermal Shutdown
V
IN = 5V
C
IN = 4.7µF
R
L = 1Ω
Enable Into Heavy Load
TIME (100ms/div.)
MIC2544-1
V
IN = 5V
C
IN = 4.7µF
I
SET = 1A
R
L = 1Ω
Inrush Current Response
TIME (500
µs/div.)
MIC2544-1
V
IN = 5V
C
IN = 4.7µF
R
L = 10Ω
C
L = 10µF
C
L = 60µF
C
L = 110µF
Enable Into Heavy Load
TIME (500
µs/div.)
MIC2548-1
V
IN = 5V
C
IN = 4.7µF
R
L = 1Ω
I
SET = 1A
Reset
Thermal Shutdown
Output Latched


Similar Part No. - MIC2544

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544A-1YM MICREL-MIC2544A-1YM Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544A-1YMM MICREL-MIC2544A-1YMM Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2544A-2YM MICREL-MIC2544A-2YM Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
More results

Similar Description - MIC2544

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
   IttyBitty??Integrated High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com