Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5765G-T9S-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5765G-T9S-K
Description  MEDIUM POWER AMPLIFIER STROBO FLASH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5765G-T9S-K Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5765G-T9S-K Datasheet HTML 1Page - Unisonic Technologies 2SC5765G-T9S-K Datasheet HTML 2Page - Unisonic Technologies 2SC5765G-T9S-K Datasheet HTML 3Page - Unisonic Technologies 2SC5765G-T9S-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC5765
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R216-002.C
MEDIUM POWER AMPLIFIER
STROBO FLASH
DESCRIPTION
medium power amplifier applications
strobo flash applications
FEATURES
* Low Saturation Voltage: VCE(sat) = 0.27 V (max.),
(Ic = 3A / IB =60 mA)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SC5765L-T9S-K
2SC5765G-T9S-K
TO-92SP
E
C
B
Bulk
Note: Pin Assignment: E: Emitter
B: Base
C: Collector


Similar Part No. - 2SC5765G-T9S-K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5765 TOSHIBA-2SC5765 Datasheet
106Kb / 4P
   MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
logo
Unisonic Technologies
2SC5765 UTC-2SC5765 Datasheet
184Kb / 3P
   MEDIUM POWER AMPLIFIER STROBO FLASH
More results

Similar Description - 2SC5765G-T9S-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5765 UTC-2SC5765 Datasheet
184Kb / 3P
   MEDIUM POWER AMPLIFIER STROBO FLASH
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300 Datasheet
153Kb / 2P
   TRANSISTOR (STROBO FLASH MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Fairchild Semiconductor
KSC2982 FAIRCHILD-KSC2982 Datasheet
65Kb / 4P
   Strobe Flash & Medium Power Amplifier
KSA1242 FAIRCHILD-KSA1242 Datasheet
40Kb / 4P
   Medium Power Amplifier Camera Flash Applications
logo
Toshiba Semiconductor
2SA1430 TOSHIBA-2SA1430 Datasheet
157Kb / 2P
   STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3671 TOSHIBA-2SC3671_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com