Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJS6603 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJS6603
Description  30V Complementary Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6603 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJS6603 Datasheet HTML 1Page - Pan Jit International Inc. PJS6603 Datasheet HTML 2Page - Pan Jit International Inc. PJS6603 Datasheet HTML 3Page - Pan Jit International Inc. PJS6603 Datasheet HTML 4Page - Pan Jit International Inc. PJS6603 Datasheet HTML 5Page - Pan Jit International Inc. PJS6603 Datasheet HTML 6Page - Pan Jit International Inc. PJS6603 Datasheet HTML 7Page - Pan Jit International Inc. PJS6603 Datasheet HTML 8Page - Pan Jit International Inc. PJS6603 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PPJS6603
September 18,2015-REV.00
Page 2
N-Channel Electrical Characteristics (TA=25
o
C unless otherwise noted)
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper.
4.
The maximum current rating is package limited.
5.
Guaranteed by design, not subject to production testing
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1.0
1.37
2.1
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V, ID=4.4A
-
36
48
m
Ω
VGS=4.5V, ID=2.8A
-
52
70
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
-
-
1
uA
Gate-Source Leakage Current
IGSS
VGS=+20V, VDS=0V
-
-
+100
nA
Dynamic
(Note 5)
Total Gate Charge
Qg
VDS=15V, ID=4.4A,
VGS=10V
(Note 1,2)
-
5.8
-
nC
Gate-Source Charge
Qgs
-
1
-
Gate-Drain Charge
Qgd
-
1
-
Input Capacitance
Ciss
VDS=15V, VGS=0V,
f=1.0MHZ
-
235
-
pF
Output Capacitance
Coss
-
36
-
Reverse Transfer Capacitance
Crss
-
24
-
Turn-On Delay Time
td(on)
VDD=15V, ID=4.4A,
VGS=10V,
RG=6Ω
(Note 1,2)
-
3
-
ns
Turn-On Rise Time
tr
-
39
-
Turn-Off Delay Time
td(off)
-
23
-
Turn-Off Fall Time
tf
-
28
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
1.5
A
Diode Forward Voltage
VSD
IS=1.0A, VGS=0V
-
0.8
1.2
V


Similar Part No. - PJS6603

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6603-AU PANJIT-PJS6603-AU Datasheet
481Kb / 9P
   30V Complementary Enhancement Mode MOSFET
December 9,2021 PJS6603-AU-REV.00
PJS6603-AU_S1_000A1 PANJIT-PJS6603-AU_S1_000A1 Datasheet
481Kb / 9P
   30V Complementary Enhancement Mode MOSFET
December 9,2021 PJS6603-AU-REV.00
More results

Similar Description - PJS6603

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
   30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
   30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
logo
Zetex Semiconductors
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
logo
Pan Jit International I...
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
   30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
ZXMC3A17DN8 DIODES-ZXMC3A17DN8 Datasheet
286Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com