Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2527-2BN Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2527-2BN
Description  Quad USB Power Control Switch Not Recommended for New Designs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2527-2BN Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2527-2BN Datasheet HTML 4Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 5Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 6Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 7Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 8Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 9Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 10Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 11Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC2524/2527
Micrel
MIC2524/2527
8
June 1999
Functional Description
The MIC2524/7-1 and MIC2524/7-2 are quad high-side
switches with active-high and active-low enable inputs, re-
spectively. Fault conditions turn off or inhibit turn-on of one or
more of the output transistors, depending upon the type of
fault, and activate the open-drain error flag transistors mak-
ing them sink current to ground.
Input and Output
IN (input) is the power supply connection to the logic circuitry
and the drain of the output MOSFET. OUTx (output) is the
source of its respective MOSFET. In a typical circuit, current
flows through the switch from IN to OUT toward the load. If
V
OUT is greater than VIN, current will flow from OUT to IN
since the MOSFET is bidirectional when on.
The output MOSFET and driver circuitry are also designed to
allow the MOSFET source to be externally forced to a higher
voltage than the drain (V
OUT > VIN) when the output is off. In
this situation, the MIC2524/7 prevents reverse current flow.
If V
IN < 2.5V, UVLO disables both switches.
Thermal Shutdown
Thermal shutdown shuts off the affected output MOSFETs
and signals all fault flags if the die temperature exceeds
135
°C. 10°C of hysteresis prevents the switch from turning on
until the die temperature drops to 125
°C. Overtemperature
detection functions only when at least one switch is enabled.
Current Limit Induced Thermal Shutdown
Internal circuitry increases the output MOSFET on-resis-
tance until the series combination of the MOSFET on-resis-
tance and the load impedance limit current to typically 850mA.
The increase in power dissipation, in most cases, will cause
the MIC2524/7 to go into thermal shutdown, disabling af-
fected channels. When this is undesirable, thermal shutdown
can be avoided by externally responding to the fault and
disabling the current limited channel before the shutdown
temperature is reached. The delay between the flag indica-
tion of a current limit fault and thermal shutdown will vary with
ambient temperature, board layout, and load impedance, but
is typically several hundred milliseconds. The USB controller
must therefore recognize a fault and disable the appropriate
channel within this time. If the fault is not removed or the
switch is not disabled within this time, then the device will
enter into a thermal oscillation of about 2Hz. This does not
cause any damage to the device. Refer to “Functional Char-
acteristics: Thermal Shutdown Response.”
Undervoltage Lockout
UVLO (undervoltage lockout) prevents the output MOSFET
from turning on until V
IN exceeds approximately 2.5V. In the
undervoltage state, the FLAG will be low. After the switch
turns on, if the voltage drops below approximately 2.3V,
UVLO shuts off the output MOSFET and signals fault flag.
Undervoltage detection functions only when at least one
switch is enabled.
Current Sensing and Limiting
The current-limit threshold is preset internally. The preset
level prevents damage to the output MOSFET and external
load but allows a minimum current of 0.5A through the output
MOSFET of each channel.
The current-limit circuit senses a portion of the output FET
switch current. The current sense resistor shown in the block
diagram is virtual and has no voltage drop. The reaction to an
overcurrent condition varies with three scenarios:
Switch Enabled into Short Circuit
If a switch is powered on or enabled into a heavy load or short-
circuit, the switch immediately goes into a constant-current
mode, reducing the output voltage. The fault flag goes low
until the load is reduced. See the “Functional Characteristics:
Short Circuit Response, Enabled into Short Circuit” photo.
Short Circuit Applied to Output
When a heavy load is applied, a large transient current may
flow until the current limit circuitry will respond. Once this
occurs, the device limits current to less than the short-circuit
current limit specification. See the “Short Circuit Transient
Response, Short Applied to Output” graph.
Current-Limit Response
The MIC2524/7 current-limit profile exhibits a small foldback
effect of approximately 500mA. Once this current-limit thresh-
old is exceeded the device enters constant-current mode.
This constant current is specified as the short circuit current
limit in the “Electrical Characteristics” table. It is important to
note that the MIC2524/7 will deliver load current up to the
current-limit threshold which is typically 1.6A. Refer to “Func-
tional Characteristics: Current-Limit Response” photo for
details.
Fault Flag
FLG is an N-channel, open-drain MOSFET output. The fault-
flag is active (low) for one or more of the following conditions:
undervoltage (while 2V < V
IN < 2.7), current limit, or thermal
shutdown. The flag output MOSFET is capable of sinking a
10mA load to typically 100mV above ground. Multiple FLG
pins may be “wire NORed” to a common pull-up resistor.


Similar Part No. - MIC2527-2BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2527-2BN MICREL-MIC2527-2BN Datasheet
124Kb / 12P
   Quad USB Power Control Switch
More results

Similar Description - MIC2527-2BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
   Dual USB Power Control Switch Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
logo
Cherry Semiconductor Co...
E23-50H CHERRY-E23-50H Datasheet
1Mb / 5P
   Not recommended for new designs Please review our D4 series
logo
Micrel Semiconductor
MIC50395 MICREL-MIC50395 Datasheet
64Kb / 6P
   Six Decade Counter / Display Decoder Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com